Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5601PEF0VLL6R Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # SPC5601PEF0VLL6R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5601PEF0VLL6R Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button SPC5601PEF0VLL6R Datasheet HTML 84Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 85Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 86Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 87Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 88Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 89Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 90Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 91Page - Freescale Semiconductor, Inc SPC5601PEF0VLL6R Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
88
6
Document revision history
Table 40 summarizes revisions to this document.
Table 40. Revision history
Revision
Date
Description of
1
05 Aug 2009 Initial release.
2
07 Apr 2010 Editorial updates
Updated the following items in the “MPC5602P device comparison” table:
• The heading
• The “SRAM” row
• The “FlexCAN” row
• The “CTU” row
• The “FlexPWM” row
• The “LINFlex” row
• The “DSPI” row
• The “Nexus” row
• Deleted the footnote No. 3
Added the “Wakeup unit” block in the MPC5602P block diagram
Updated the “Absolute Maximum Ratings“ table
Updated the “Recommended operating conditions (5.0 V)“ table
Updated the “Recommended operating conditions (3.3 V)“ table
Updated the “Thermal characteristics for 100-pin LQFP“ table:
•
JT: changed the typical value
Updated the “EMI testing specifications“ table: replaced all values in “Level (Max)“
column with TBD
Updated the “Electrical characteristics“ section:
• Added the “Introduction” section
• Added the “Parameter classification“ section
• Added the “NVUSRO register“ section
• Added the “Power supplies constraints (–0.3 V
 VDD_HV_IOx  6.0 V)” figure
• Added the “Independent ADC supply (–0.3 V
 VDD_HV_REG  6.0 V)“ figure
• Added the “Power supplies constraints (3.0 V
 VDD_HV_IOx  5.5 V)“ figure
• Added the “Independent ADC supply (3.0 V
 VDD_HV_REG  5.5 V)“ figure
Updated the “Power management electrical characteristics” section
Updated the “Power Up/Down sequencing” section
Updated the “DC electrical characteristics“ section
• Deleted the “NVUSRO register” section
• Updated the “DC electrical characteristics (5.0 V, NVUSRO[PAD3V5V] = 0)“ section:
– Deleted all rows concerning RESET
– Deleted “IVPP“ row
– Added the max value for CIN
• Updated the “DC electrical characteristics (3.3 V, NVUSRO[PAD3V5V] = 0)“ section:
– Deleted all rows concerning RESET
– Deleted “IVPP“ row
– Added the max value for CIN
Added the “I/O pad current specification“ section
Updated the Orderable part number summarytable.
2
(continued)
07 Apr 2010 Added “Appendix A”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com