Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5601PEF0MLH6R Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # SPC5601PEF0MLH6R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5601PEF0MLH6R Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  SPC5601PEF0MLH6R Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
3
1
Introduction
1.1
Document overview
This document provides electrical specifications, pin assignments, and package diagrams for the MPC5601P/2P series of
microcontroller units (MCUs). It also describes the device features and highlights important electrical and physical
characteristics. For functional characteristics, refer to the device reference manual.
1.2
Description
This 32-bit system-on-chip (SoC) automotive microcontroller family is the latest achievement in integrated automotive
application controllers. It belongs to an expanding range of automotive-focused products designed to address chassis
applications—specifically, electrical hydraulic power steering (EHPS) and electric power steering (EPS)—as well as airbag
applications.
This family is one of a series of next-generation integrated automotive microcontrollers based on the Power Architecture®
technology.
The advanced and cost-efficient host processor core of this automotive controller family complies with the Power Architecture
embedded category. It operates at speeds of up to 64 MHz and offers high performance processing optimized for low power
consumption. It capitalizes on the available development infrastructure of current Power Architecture devices and is supported
with software drivers, operating systems and configuration code to assist with users implementations.
1.3
Device comparison
Table 1 provides a summary of different members of the MPC5602P family and their features to enable a comparison among
the family members and an understanding of the range of functionality offered within this family.
Table 1. MPC5602P device comparison
Feature
MPC5601P
MPC5602P
Code flash memory (with ECC)
192 KB
256 KB
Data flash memory / EE option (with ECC)
64 KB (optional feature)
SRAM (with ECC)
12 KB
20 KB
Processor core
32-bit e200z0h
Instruction set
VLE (variable length encoding)
CPU performance
0–64 MHz
FMPLL (frequency-modulated phase-locked loop) module
1
INTC (interrupt controller) channels
120
PIT (periodic interrupt timer)
1 (with four 32-bit timers)
eDMA (enhanced direct memory access) channels
16
FlexCAN (controller area network)
11,2
21,2
Safety port
Yes (via FlexCAN module)
Yes (via second FlexCAN
module)
FCU (fault collection unit)
Yes
CTU (cross triggering unit)
No
Yes
eTimer
1 (16-bit, 6 channels)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com