Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5601PEF0MLH6R Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # SPC5601PEF0MLH6R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5601PEF0MLH6R Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button SPC5601PEF0MLH6R Datasheet HTML 87Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 88Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 89Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 90Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 91Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 92Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 93Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 94Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 95Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 91 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
91
4
11 May 2011 Editorial and formatting changes throughout
Section 1, “Introduction: Reorganized contents
MPC5602P block diagram: reorganized blocks above and below peripheral bridge; made
arrow going from peripheral bridge to crossbar switch bidirectional
Updated Section 1.5, “Feature list:
• changed core feature from “64 MHz” to “Up to 64 MHz”
• memory organization
• moved “16-channel eDMA controller” item to “Interrupts and events” item
• LINFlex: changed “2 LINFlex modules” to “Up to 2 LINFlex modules”
• DSPI: changed “3 DSPI channels“ to “Up to 3 DSPI channels”
• ADC: changed “16 input channels“ to “Up to 16 input channels”
Added Section 1.5, “Feature details
64-pin and 100-pin LQFP pinout diagrams: replaced instances of HV_AD0 with
HV_ADC0
System pins: updated “XTAL” and “EXTAL” rows
Updated LQFP thermal characteristics
Updated EMI testing specifications
Section 3.8.1, “Voltage regulator electrical characteristics: removed BCP56 from named
BJTs; replaced two configuration diagrams and two electrical characteristics tables
with single diagram and single table
Voltage regulator electrical characteristics: updated VDD_LV_REGCOR row
Low voltage monitor electrical characteristics: updated VMLVDDOK_H max value—was
1.15 V; is 1.145 V
Supply current (5.0 V, NVUSRO[PAD3V5V] = 0): changed symbol IDD_LV_CORE to
IDD_LV_CORx; changed parameter classification from T to P for IDD_LV_CORx
RUN—Maximum mode at 64 MHz; added IDD_FLASH characteristics; replaced
instances of “Airbag” mode with “Typical mode”
Supply current (3.3 V, NVUSRO[PAD3V5V] = 1): changed symbol IDD_LV_CORE to
IDD_LV_CORx; replaced instances of “Airbag” mode with “Typical mode”
DC electrical characteristics (3.3 V, NVUSRO[PAD3V5V] = 1): corrected parameter
description for VOL_F—was “Fast, high level output voltage”; is “Fast, low level output
voltage”
Added Section 3.10.4, “Input DC electrical characteristics definition
Main oscillator output electrical characteristics tables: replaced instances of EXTAL with
XTAL; added load capacitance parameter
FMPLL electrical characteristics: updated conditions and table title; removed fsys row;
updated fFMPLLOUT values; replaced instances of VDDPLL with VDD_LV_COR0; replaced
instances of VSSPLL with VSS_LV_COR0
16 MHz RC oscillator electrical characteristics: removed rows
RCMTRIM and RCMSTEP
ADC characteristics and error definitions: updated symbols
ADC conversion characteristics: updated symbols; added row tADC_PU
Added Section 3.15.2, “Flash memory power supply DC characteristics
Added Section 3.15.3, “Start-up/Switch-off timings
Removed section “Generic timing diagrams”
4
(cont’d)
11 May 2011 Updated Start-up reset requirements diagram
Removed FlexCAN timing characteristics
RESET electrical characteristics: added row for tPOR
In the range of figures “DSPI Classic SPI Timing — Master, CPHA = 0” to “DSPI PCS
Strobe (PCSS) Timing”: added note
Table A-1: added “DUT”, “NPN”, and “RISC”
Table 40. Revision history (continued)
Revision
Date
Description of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com