Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5601PEF0MLH6R Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # SPC5601PEF0MLH6R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5601PEF0MLH6R Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button SPC5601PEF0MLH6R Datasheet HTML 9Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 10Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 11Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 12Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 13Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 14Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 15Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 16Page - Freescale Semiconductor, Inc SPC5601PEF0MLH6R Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
13
The BAM provides the following features:
•
Serial bootloading via FlexCAN or LINFlex
•
Ability to accept a password via the used serial communication channel to grant the legitimate user access to the
non-volatile memory
1.5.18
Error correction status module (ECSM)
The ECSM provides a myriad of miscellaneous control functions regarding program-visible information about the platform
configuration and revision levels, a reset status register, a software watchdog timer, wakeup control for exiting sleep modes,
and information on platform memory errors reported by error-correcting codes and/or generic access error information for
certain processor cores.
The Error Correction Status Module supports a number of miscellaneous control functions for the platform. The ECSM includes
these features:
•
Registers for capturing information on platform memory errors if error-correcting codes (ECC) are implemented
•
For test purposes, optional registers to specify the generation of double-bit memory errors are enabled on the
MPC5602P.
The sources of the ECC errors are:
•
Flash memory
•SRAM
1.5.19
Peripheral bridge (PBRIDGE)
The PBRIDGE implements the following features:
•
Duplicated periphery
•
Master access privilege level per peripheral (per master: read access enable; write access enable)
•
Write buffering for peripherals
•
Checker applied on PBRIDGE output toward periphery
•
Byte endianess swap capability
1.5.20
Controller area network (FlexCAN)
The MPC5602P MCU contains one controller area network (FlexCAN) module. This module is a communication controller
implementing the CAN protocol according to Bosch Specification version 2.0B. The CAN protocol was designed to be used
primarily as a vehicle serial data bus, meeting the specific requirements of this field: real-time processing, reliable operation in
the EMI environment of a vehicle, cost-effectiveness and required bandwidth. The FlexCAN module contains 32 message
buffers.
The FlexCAN module provides the following features:
•
Full implementation of the CAN protocol specification, version 2.0B
— Standard data and remote frames
— Extended data and remote frames
— Up to 8-bytes data length
— Programmable bit rate up to 1 Mbit/s
•
32 message buffers of up to 8-bytes data length
•
Each message buffer configurable as Rx or Tx, all supporting standard and extended messages
•
Programmable loop-back mode supporting self-test operation
•
3 programmable mask registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com