Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8143 Datasheet(PDF) 1 Page - Analog Devices

Part # DAC8143
Description  12-Bit Serial Daisy-Chain CMOS D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8143 Datasheet(HTML) 1 Page - Analog Devices

  DAC8143 Datasheet HTML 1Page - Analog Devices DAC8143 Datasheet HTML 2Page - Analog Devices DAC8143 Datasheet HTML 3Page - Analog Devices DAC8143 Datasheet HTML 4Page - Analog Devices DAC8143 Datasheet HTML 5Page - Analog Devices DAC8143 Datasheet HTML 6Page - Analog Devices DAC8143 Datasheet HTML 7Page - Analog Devices DAC8143 Datasheet HTML 8Page - Analog Devices DAC8143 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
12-Bit Serial Daisy-Chain
CMOS D/A Converter
DAC8143
FUNCTIONAL BLOCK DIAGRAM
INPUT 12-BIT
SHIFT REGISTER
DAC REGISTER
12-BIT
D/A CONVERTER
DAC8143
LOAD
IN
OUT
CLK
VDD
RFB
IOUT1
IOUT2
AGND
SRO
DGND
SRI
STB2
STB3
STB4
STB1
LD2
LD1
VREF
CLR
ADDRESS BUS
ADDRESS
DECODER
STROBE
LOAD
SRI
SRO
DAC8143
STROBE
LOAD
SRI
SRO
DAC8143
STROBE
LOAD
SRI
SRO
DAC8143
STROBE
LOAD
SRI
SRO
DAC8143
WR
DBX
P
Figure 1. Multiple DAC8143s with Three-Wire Interface
FEATURES
Fast, Flexible, Microprocessor Interfacing in Serially
Controlled Systems
Buffered Digital Output Pin for Daisy-Chaining
Multiple DACs
Minimizes Address-Decoding in Multiple DAC
Systems—Three-Wire Interface for Any Number of DACs
One Data Line
One CLK Line
One Load Line
Improved Resistance to ESD
–40 C to +85 C for the Extended Industrial Temperature
Range
APPLICATIONS
Multiple-Channel Data Acquisition Systems
Process Control and Industrial Automation
Test Equipment
Remote Microprocessor-Controlled Systems
GENERAL INFORMATION
The DAC8143 is a 12-bit serial-input daisy-chain CMOS D/A
converter that features serial data input and buffered serial data
output. It was designed for multiple serial DAC systems, where
serially daisy-chaining one DAC after another is greatly simplified.
The DAC8143 also minimizes address decoding lines enabling
simpler logic interfacing. It allows three-wire interface for any
number of DACs: one data line, one CLK line and one load line.
Serial data in the input register (MSB first) is sequentially
clocked out to the SRO pin as the new data word (MSB first) is
simultaneously clocked in from the SRI pin. The strobe inputs
are used to clock in/out data on the rising or falling (user
selected) strobe edges (STB1, STB2, STB3, STB4).
When the shift register’s data has been updated, the new data
word is transferred to the DAC register with use of
LD1 and
LD2 inputs.
Separate LOAD control inputs allow simultaneous output up-
dating of multiple DACs. An asynchronous CLEAR input
resets the DAC register without altering data in the input
register.
Improved linearity and gain error performance permits reduced
circuit parts count through the elimination of trimming compo-
nents. Fast interface timing reduces timing design considerations
while minimizing microprocessor wait states.
The DAC8143 is available in plastic packages that are compat-
ible with autoinsertion equipment.
Plastic packaged devices come in the extended industrial tem-
perature range of –40
°C to +85°C.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106,
U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999


Similar Part No. - DAC8143

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8143 AD-DAC8143 Datasheet
181Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV.C
DAC8143 AD-DAC8143 Datasheet
163Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8143EQ AD-DAC8143EQ Datasheet
163Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8143FP AD-DAC8143FP Datasheet
181Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV.C
DAC8143FP AD-DAC8143FP Datasheet
163Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
More results

Similar Description - DAC8143

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8043A AD-DAC8043A Datasheet
137Kb / 8P
12-Bit Serial Input Multiplying D/A Converter
REV.0
DAC8143 AD-DAC8143 Datasheet
181Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV.C
logo
Intersil Corporation
CDP68HC68A2 INTERSIL-CDP68HC68A2 Datasheet
87Kb / 14P
CMOS Serial 10-Bit A/D Converter
July 1998
logo
Maxim Integrated Produc...
MX7541 MAXIM-MX7541 Datasheet
179Kb / 4P
CMOS 12 Bit Multiplying D/A Converter
19-0940; Rev 1; 7/95
MX7541A MAXIM-MX7541A Datasheet
317Kb / 8P
CMOS 12 Bit Multiplying D/A Converter
19-0941; Rev 2; 7/95
logo
Maxwell Technologies
8143 MAXWELL-8143 Datasheet
786Kb / 24P
12-Bit Serial Daisy Chain D/A Converter
logo
Intersil Corporation
CDP68HC68A2 INTERSIL-CDP68HC68A2_02 Datasheet
655Kb / 15P
CMOS Serial 10-Bit A/D Converter
April 2002
logo
Analog Devices
DAC8143EQ AD-DAC8143EQ Datasheet
163Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
DAC8043A AD-DAC8043A_15 Datasheet
700Kb / 8P
12-Bit Serial Input Multiplying D/A Converter
REV. B
DAC8143 AD-DAC8143_15 Datasheet
185Kb / 12P
12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com