Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2143PZ Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2143PZ
Description  ?? dB Differential Line Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2143PZ Datasheet(HTML) 5 Page - Analog Devices

  SSM2143PZ Datasheet HTML 1Page - Analog Devices SSM2143PZ Datasheet HTML 2Page - Analog Devices SSM2143PZ Datasheet HTML 3Page - Analog Devices SSM2143PZ Datasheet HTML 4Page - Analog Devices SSM2143PZ Datasheet HTML 5Page - Analog Devices SSM2143PZ Datasheet HTML 6Page - Analog Devices SSM2143PZ Datasheet HTML 7Page - Analog Devices SSM2143PZ Datasheet HTML 8Page - Analog Devices SSM2143PZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SSM2143
REV.
–5–
*The photographs in Figure 17 through Figure 19 were taken at V S = ± 15 V and TA = +25°C, using an external amplifier with a gain of 1000.
FREQUENCY – Hz
1k
100k
10k
1M
10M
VS = ±15V
TA = +25°C
RL = 2kΩ
G = 1/2
6
0
3
1
2
5
4
Figure 13. Output Voltage Swing vs. Frequency
T = +25
°C
A
SUPPLY VOLTAGE
0
±20
±5
±15
±10
40
0
30
10
20
Figure 15. Output Voltage Swing vs. Supply Voltage
10
90
100
0%
5mV
1s
0.5
µV
0V
–0.5
µV
Figure 17. Low Frequency Voltage Noise from 0.1 Hz
to 10 Hz*
LOAD RESISTANCE –
Ω
10
1k
100
10k
0V
7.5V
2.5V
12.5V
5.0V
10.0V
V =
±15V
T = +25
°C
S
A
Figure 14. Output Voltage Swing vs. Load Resistance
TA = +25°C
VS = ±15V
FREQUENCY – Hz
1
100
10
1k
10k
120
0
60
20
40
100
80
Figure 16. Voltage Noise Density vs. Frequency
10
90
100
0%
5mV
10ms
5
µV
0V
–5
µV
Figure 18. Voltage Noise from 0 kHz to 1 kHz*
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com