Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2143PZ Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2143PZ
Description  ?? dB Differential Line Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2143PZ Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2143PZ Datasheet HTML 2Page - Analog Devices SSM2143PZ Datasheet HTML 3Page - Analog Devices SSM2143PZ Datasheet HTML 4Page - Analog Devices SSM2143PZ Datasheet HTML 5Page - Analog Devices SSM2143PZ Datasheet HTML 6Page - Analog Devices SSM2143PZ Datasheet HTML 7Page - Analog Devices SSM2143PZ Datasheet HTML 8Page - Analog Devices SSM2143PZ Datasheet HTML 9Page - Analog Devices SSM2143PZ Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SSM2143
REV.
–6–
*The photographs in Figure 17 through Figure 19 were taken at V S = ± 15 V and TA = +25°C, using an external amplifier with a gain of 1000.
4
16
10
6
8
14
12
TEMPERATURE –
°C
75
25
50
–50
–25
100
0
R = 2k
Ω
V =
±15V
L
S
Figure 20. Slew Rate vs. Temperature
TEMPERATURE –
°C
75
25
50
–50
–25
100
0
400
0
300
100
200
V =
±15V
S
Figure 22. Input Offset Voltage vs. Temperature
SUPPLY VOLTAGE – V
0
±20
±5
±15
±10
4.0
1.0
2.5
1.5
2.0
3.5
3.0
TA = +25°C
Figure 24. Supply Current vs. Supply Voltage
10
90
100
0%
5mV
1ms
5
µV
0V
–5
µV
Figure 19. Voltage Noise from 0 kHz to 10 kHz*
TEMPERATURE –
°C
75
25
50
–50
–25
100
0
0.10
0
0.06
0.02
0.04
0.08
V
=
±10V
V =
±15V
R = 0
Ω
S
S
IN
Figure 21. Gain Error vs. Temperature
TEMPERATURE –
°C
75
25
50
–50
–25
100
0
V =
±15V
S
5
0
3
1
2
4
Figure 23. Supply Current vs. Temperature
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com