Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2143PZ Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2143PZ
Description  ?? dB Differential Line Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2143PZ Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2143PZ Datasheet HTML 2Page - Analog Devices SSM2143PZ Datasheet HTML 3Page - Analog Devices SSM2143PZ Datasheet HTML 4Page - Analog Devices SSM2143PZ Datasheet HTML 5Page - Analog Devices SSM2143PZ Datasheet HTML 6Page - Analog Devices SSM2143PZ Datasheet HTML 7Page - Analog Devices SSM2143PZ Datasheet HTML 8Page - Analog Devices SSM2143PZ Datasheet HTML 9Page - Analog Devices SSM2143PZ Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SSM2143
REV.
–8–
LINE DRIVER/RECEIVER SYSTEM
The SSM2143 and SSM2142 provide a fully integrated line driver/
receiver system. The SSM2142 is a high performance balanced
line driver IC that converts an unbalanced input into a balanced
output signal. It can drive large capacitive loads on long cables
making it ideal for transmitting balanced audio signals. When com-
bined with an SSM2143 on the receiving end of the cable, the sys-
tem maintains high common-mode rejection and ultralow THD.
The SSM2142 is designed with a gain of +2 and the SSM2143
with a gain of 1/2, providing an overall system gain of unity.
The following data demonstrates the typical performance of the
two parts together, measured on an Audio Precision at the
SSM2143’s output. This configuration was tested with 500 feet
Figure 30. THD+N vs. Frequency of SSM2142/SSM2143
System (VS =
±18 V, V
IN = 5 V rms, with 80 kHz Filter)
Figure 31. SSM2142/SSM2143 System Headroom–
See Text—(VS = ±18 V, RL = 10 kΩ, 500' Cable)
Figure 32. SSM2142/SSM2143 System
DIM-100 Dynamic Intermodulation
Distortion (VS = ±18 V, RL = 10 kΩ)
of cable between the ICs as well as no cable. The combination
of the two parts results in excellent THD+N and SNR and a noise
floor of typically –105 dB over a 20 Hz to 20 kHz bandwidth.
A comment on SSM2142/SSM2143 system headroom is neces-
sary. Figure 31 shows a maximum signal handling of approximately
±22 dBu, but it must be kept in mind that this is measured be-
tween the SSM2142’s input and SSM2143’s output, which has
been attenuated by one half. Normally, the system would be shown
as actually used in a piece of equipment, whereby the SSM2143 is
at the input and SSM2142 at the output. In this case, the system
could handle differential signals in excess of +24 dBu at the input
and output, which is consistent with headroom requirements of
most professional audio equipment.
Figure 33. SSM2142/SSM2143 System Frequency
Response (VS = ±18 V, VIN = 0 dBV, 500' Cable)
10
90
100
0%
5V
10
µs
Figure 34. SSM2142/SSM2143 System Large Signal Pulse
Response (VS = ±18 V, RL = 10 kΩ, No Cable)
500' CABLE
NO CABLE
500' CABLE
NO CABLE
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com