Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXISP12 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AXISP12
Description  Miniature HDTV cameras for exceptionally discreet surveillance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXISP12 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AXISP12 Datasheet HTML 1Page - List of Unclassifed Manufacturers AXISP12 Datasheet HTML 2Page - List of Unclassifed Manufacturers AXISP12 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXISP12 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AXIS P12 Network Cameras are flexible and easy to install on walls, ceilings or for integration into very limited spaces.
Miniature HDTV cameras for discreet indoor and outdoor
surveillance
Unique design concept
With their functional, discreet design and small form factor, AXIS P12
cameras enable easy integration into very limited spaces. AXIS P12
Series is ideal for discreet and covert surveillance in stores, architectural
buildings, hotels, offices, banks and ATMs.
Easy installation
The innovative design concept of AXIS P12 Series comprises a main
unit, and a separate sensor unit, enabling them to be mounted up to
8 meters (26ft.) apart. The separate sensor unit with a
lens and image sensor, offers great flexibility to blend
into a wide range of environments, at the same time
keeping the cameras protected from tampering.
AXIS P12 Network Cameras - Mounting Accessories
Mounting options
AXIS P12 Series offers a wide range of mounting options for indoor
and outdoor installations. The cameras include various mounting
accessories enabling quick and easy installation. The
unique form factor and small size of the sensor
unit, enables flush mounting at places where a
concealed application is required.
Outdoor covert surveillance
AXIS P1214-E is an IP66 and NEMA 4X -rated model, which ensures
protection against dust, rain, snow, ice and corrosion. It can
operate in temperatures from -20 °C to 50 °C (-4 °F to 122 °F). The
supplied housing makes the camera suitable for discreet wall or ceiling
mount, allowing an overview without being intrusive. The camera is
designed for both indooor and outdoor applications and is ideal for door
entrances and ATMs.
AXIS P1204 can be mounted flat or angled
on any surface, using the angled fastening
bracket. The camera can also be mounted co-
vertly behind a thin metal sheet in a doorway
or an ATM.
AXIS P1214 can be mounted behind
any wall, with just a small opening
for the lens, or with the whole lens
protruding from the wall.
AXIS P1214-E which is an IP66-rated
model, offers the same mounting options
as AXIS P1214. The camera can also be
mounted in the supplied housing, suited
for both indoor and outdoor applications.
AXIS P1204 Network Camera
AXIS P1214 Network Camera
AXIS P1214-E Network Camera



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com