Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXISP12 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AXISP12
Description  Miniature HDTV cameras for exceptionally discreet surveillance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXISP12 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AXISP12 Datasheet HTML 1Page - List of Unclassifed Manufacturers AXISP12 Datasheet HTML 2Page - List of Unclassifed Manufacturers AXISP12 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXISP12 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AXIS P1214-E Network Camera with included mounting accessories
AXIS P1204 Network Camera with included mounting accessories
Sensor unit
Cover
Straight
mounting bracket
AXIS P1214 Network Camera with included mounting accessories
Angled mounting bracket
Mounting bracket
Mounting bracket
Outdoor housing
Mounting rail
Sensor unit
Sensor unit
Main unit (all models)
104 mm (4.1”)
Power
connector
Network
connector
Control
button
SD card
slot
I/O terminal
connector
Camera
connector
35 mm (1.4”)
36 mm (1.4”)
Ø47 mm (1.8”)
Ø43 mm (1.7”)
Ø35
mm
(1.4”)
30º
21.5 mm (0.8”)
Ø17 mm (0.7”)
25 mm (1.0”)
31 mm (1.2”)
Ø88 mm (3.5”)
9 mm (0.3”)
Ø20 mm (0.8”)
20 mm (0.8”)
Ø 55mm (2.16”)
Ø20 mm (0.8”)
20 mm (0.8”)
8.5mm (1.5”)
Ø 55mm (2.16”)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com