Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXISP12 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AXISP12
Description  Miniature HDTV cameras for exceptionally discreet surveillance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXISP12 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AXISP12 Datasheet HTML 1Page - List of Unclassifed Manufacturers AXISP12 Datasheet HTML 2Page - List of Unclassifed Manufacturers AXISP12 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXISP12 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
©2012 Axis Communications AB. AXIS COMMUNICATIONS, AXIS, ETRAX, ARTPEC and VAPIX are registered trademarks or trademark applications of Axis AB
in various jurisdictions. All other company names and products are trademarks or registered trademarks of their respective companies. We reserve the right
to introduce modifications without notice.
Technical specifications – AXIS P12 Network Camera Series
Camera
Models
AXIS P1204: HDTV 720p
AXIS P1214: HDTV 720p
AXIS P1214-E: HDTV 720p, IP66-rated
Image sensor
1/4” progressive scan RGB CMOS
Lens
AXIS P1204/P1214: 3.7 mm: 57° view*, F2.5, fixed iris, fixed focus
AXIS P1214-E: 2.8 mm: 81° view*, F2.0, fixed iris, fixed focus
*horizontal angle of view
Light
sensitivity
AXIS P1204/P1214: 1.2 - 10000 lux
AXIS P1214-E: 1.0 - 10000 lux
Shutter time
1/6 s to 1/24500 s
Video
Video
compression
H.264 (MPEG-4 Part 10/AVC)
Motion JPEG
Resolutions
1280x720 to 320x180
Frame rate
H.264
25 fps with power line frequency 50 Hz
30 fps with power line frequency 60 Hz
Frame rate
Motion JPEG
25 fps with power line frequency 50 Hz
30 fps with power line frequency 60 Hz
Video
streaming
Multiple, individually configurable streams in H.264 and
Motion JPEG
Controllable frame rate and bandwidth
VBR/CBR H.264
Image settings Compression, color, brightness, sharpness, contrast, white balance,
exposure control, exposure zones, backlight compensation, fine
tuning of behavior at low light, rotation
Text and image overlay, privacy mask and mirroring of images
Axis’ Corridor Format
Network
Security
Password protection, IP address filtering, HTTPS encryption*,
IEEE 802.1X network access control*, digest authentication, user
access log
Supported
protocols
IPv4/v6, HTTP, HTTPS*, SSL/TLS*, QoS Layer 3 DiffServ, FTP, CIFS/
SMB, SMTP, Bonjour, UPnP™, SNMPv1/v2c/v3 (MIB-II), DNS,
DynDNS, NTP, RTSP, RTP, TCP, UDP, IGMP, RTCP, ICMP, DHCP, ARP,
SOCKS
System integration
Application
Programming
Interface
Open API for software integration, including VAPIX® and
AXIS Camera Application Platform from Axis Communications
available at www.axis.com
ONVIF, specifications available at www.onvif.org
AXIS Video Hosting System (AVHS) with One-Click Camera
Connection
Intelligent
video
Video motion detection, active tampering alarm
AXIS Camera Application Platform enabling installation of
additional applications
Event triggers Intelligent video, external inputs, video loss
Event actions
File upload: FTP, HTTP, network share and email
Notification: email, HTTP and TCP
External output: video recording to edge storage
Pre- and post-alarm video buffering
General
Casing
Main unit: polycarbonate casing
AXIS P1204/P1214 sensor unit: metal casing (aluminum)
AXIS P1214-E sensor unit: IP66 Nema 4X-rated metal casing
(aluminum)
Memory
256 MB RAM, 128 MB Flash
Power
Power over Ethernet IEEE 802.3af Class 2 (max. 6.49W)
8 – 28 V DC max 4.7 W
Connectors
RJ-45 for 10BASE-T/100BASE-TX PoE
RJ-12 for the sensor unit
Terminal blocks for power, 1 alarm input and 1 output
Edge storage
MicroSD/MicroSDHC memory card slot (card not included)
Support for recording to network share (network-attached storage
or file server)
Operating
conditions
-20 ºC to 50 ºC (-4 ºF to 122 ºF)
Humidity 10 - 85% RH (non-condensing)
Approvals
EN 55022 Class B, EN 61000-3-2, EN 61000-3-3, EN 61000-6-1,
EN 55024, FCC Part 15 Subpart B Class B, ICES-003 Class B, VCCI
Class B, C-tick AS/NZS CISPR 22, KCC Class B, EN/IEC 60950-1, IEC
60068-2-6 (Vibration) class 4M4, IEC 60068-2-27 (shock) Class
4M3, IEC 60068-2-1. IEC 60068-2-2, 60068-2-78 Class 3K3
AXIS P1214-E sensor unit: EN/IEC 60950-22, IEC 60529 IP66,
NEMA 250 Type 4X, IEC 60068-2-78 Class 4K3, IEC 60068-2-14,
IEC 60068-2-30
Weight
Main unit: 109 g (0.24 lb.)
AXIS P1204 sensor unit: 222 g (0.49 lb.)
AXIS P1214 sensor unit: 238 g (0.52 lb.)
AXIS P1214-E sensor unit: 248 g (0.55 lb.)
Included
accessories
Mounting kit, Installation Guide, Axis Warranty Document,
AVHS Authentication key, Installation and Management Software
CD, Windows decoder 1-user license
* This product includes software developed by the Open SSL Project for use in the Open
SSL Tool kit (www.openssl.org)
Optional accessories for indoor models
AXIS P8221 Network I/O Audio Module
AXIS T8120 15W Midspan 1-Port
AXIS T8414 Installation Display
AXIS Camera Companion (included),
AXIS Camera Station and video
management software from Axis’
Application Development Partners (not
included). See
www.axis.com/products/video/software/
Optional Accessories - AXIS P12 Network Camera Series
AXIS P7701 Video Decoder
Video management software



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com