Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A12APAB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # A12APAB
Description  General Specifications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A12APAB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A12APAB Datasheet HTML 1Page - List of Unclassifed Manufacturers A12APAB Datasheet HTML 2Page - List of Unclassifed Manufacturers A12APAB Datasheet HTML 3Page - List of Unclassifed Manufacturers A12APAB Datasheet HTML 4Page - List of Unclassifed Manufacturers A12APAB Datasheet HTML 5Page - List of Unclassifed Manufacturers A12APAB Datasheet HTML 6Page - List of Unclassifed Manufacturers A12APAB Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Series A
Process Sealed Subminiature Toggles
www.nkk.com
A6
A
Cap
Colors
Paddle
Colors
A
Black
A
B
White
B
C
Red
C
---
Yellow
E
---
Green
F
---
Blue
G
---
Gray
H
Poles
1
SPST
SPDT
2
DPDT
SP3T
1
A
SPDT
ON-NONE-ON Circuit
PC Terminals
P
Straight
B
Straight with Bracket
B1
Straight with Inline Bracket
(Single Pole only)
H
Right Angle with Bracket
V
Vertical with Bracket
V1
Vertical with Inline Bracket
(Single Pole only)
2
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
A12JV
J
.248” (6.3mm) Long
Bat Toggle
Optional Caps
G
.394” (10.0mm) Bat Lever Cap
J
.248” (6.3mm) Bat Lever Cap
Paddles
A
Short Paddle for K Toggle
B
Long Paddle for K Toggle
V
Toggles
A
.394” (10.0mm) Bat
J
.248” (6.3mm) Bat
J2
.248” (6.3mm) Antistatic Bat
E
.394” (10.0mm) Flatted
H
.248” (6.3mm) Flatted
K
Snap Top for A or B Paddle
Vertical PC Terminals
Circuits
1
OFF
NONE
ON
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE (ON)
R
(ON) NONE
ON
8
(ON)
OFF
(ON)
9
ON
OFF
(ON)
S
(ON)
OFF
ON
4
ON
ON
ON
6
(ON)
ON
(ON)
7
ON
ON
(ON)
( ) = Momentary
3-ON circuits
*
*
*
*
TYPICAL SWITCH ORDERING EXAMPLE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com