Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A12APAB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # A12APAB
Description  General Specifications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A12APAB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  A12APAB Datasheet HTML 1Page - List of Unclassifed Manufacturers A12APAB Datasheet HTML 2Page - List of Unclassifed Manufacturers A12APAB Datasheet HTML 3Page - List of Unclassifed Manufacturers A12APAB Datasheet HTML 4Page - List of Unclassifed Manufacturers A12APAB Datasheet HTML 5Page - List of Unclassifed Manufacturers A12APAB Datasheet HTML 6Page - List of Unclassifed Manufacturers A12APAB Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Series A
Process Sealed Subminiature Toggles
www.nkk.com
A8
A
Color Codes:
Straight
Material: PVC
Colors Available:
A, B, C
Straight with Bracket
Material: PVC
Colors Available:
A, B, C
Black
White
Red
Yellow
Green
Blue
A
B
C
E
F
G
P
B
Straight with Inline Bracket
Single Pole only
B1
(2.54) Typ
.100
(0.6) Dia Typ
.024
(5.08) Typ
.200
(0.8)
.031
(8.8)
.346
(9.0)
.354
(5.08)
.200
(5.08)
.200
(10.16)
.400
(9.0)
.354
(8.8)
.346
(2.54) Typ
.100
(0.3) Typ
.012
(0.7) Typ
.028
(0.6) Dia Typ
.024
CL
(10.16)
.400
(2.54)
.100
(5.08)
.200
(1.0)
.039
(9.0)
.354
(0.3) Typ
.012
(0.7) Typ
.028
(0.6) Dia Typ
.024
(2.54) Typ
.100
Right Angle
with Bracket
Vertical with Bracket
H
V
Vertical with Inline Bracket
Single Pole only
V1
(5.08)
.200
(5.08)
.200
(2.54) Typ
.100
(0.3)
.012
(0.7)
.028
(9.0)
.354
(8.8)
.346
(0.6) Dia Typ
.024
(0.5) Typ
.020
CL
(5.08)
.200
(5.08)
.200
(2.54) Typ
.100
(0.3)
.012
(0.7)
.028
(9.0)
.354
(0.5) Typ
.020
(0.6) Dia Typ
.024
(1.0)
.039
(9.0)
.354
(2.54) Typ
.100
(2.54) Typ
.100
(5.08)
.200
(0.6) Dia Typ
.024
(8.8)
.346
(0.5)
.020
(0.7)
.028
(0.3)
.012
AT4003
.394” (10.0mm) Bat Lever Cap
G
AT4064
.248” (6.3mm) Bat Lever Cap
J
26°
(3.0) Dia
.118
(10.0)
.394
(11.0)
.433
(6.3)
.248
26°
(7.0)
.276
(3.0) Dia
.118
AT467
Short Paddle
A
AT468
Long Paddle
B
Material: Polyamide
Colors Available:
A, B, C, E, F, G, H
Material: Polyamide
Colors Available:
A, B, C, E, F, G, H
(4.4)
.173
(14.2)
.559
26°
(2.4)
.094
(10.3)
.406
Gray
H
(9.4)
.370
(5.0)
.197
(4.6)
.181
26°
(2.4)
.094
(15.1)
.594
(5.0) Dia
.197
Use of a support bracket is recommended to increase PCB mounting strength and stability.
PC TERMINALS
CAPS & PADDLES



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com