Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A12APAB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # A12APAB
Description  General Specifications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A12APAB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  A12APAB Datasheet HTML 1Page - List of Unclassifed Manufacturers A12APAB Datasheet HTML 2Page - List of Unclassifed Manufacturers A12APAB Datasheet HTML 3Page - List of Unclassifed Manufacturers A12APAB Datasheet HTML 4Page - List of Unclassifed Manufacturers A12APAB Datasheet HTML 5Page - List of Unclassifed Manufacturers A12APAB Datasheet HTML 6Page - List of Unclassifed Manufacturers A12APAB Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Series A
Process Sealed Subminiature Toggles
www.nkk.com
A7
A
TOGGLES
Toggle Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Up
Center
Down
Up
Center
Down
Note:
Terminal numbers are
not actually on the switch.
SP
A11
OFF
NONE
ON
OPEN
OPEN
3-1
SPST
SP
A12
A13
A15
A1R
A18
A19
A1S
ON
ON
ON
(ON)
(ON)
ON
(ON)
NONE
OFF
NONE
NONE
OFF
OFF
OFF
ON
ON
(ON)
ON
(ON)
(ON)
ON
2-3
OPEN
2-1
SPDT
DP
A22
A23
A25
A2R
A28
A29
A2S
ON
ON
ON
(ON)
(ON)
ON
(ON)
NONE
OFF
NONE
NONE
OFF
OFF
OFF
ON
ON
(ON)
ON
(ON)
(ON)
ON
2-3 5-6
OPEN
2-1 5-4
DPDT
For 3 Throw (3-on)
Connected Terminals & Schematics
External Connection
Pole
Model
Up
Center
Down
SP
A24
A26
A27
ON
(ON)
ON
2-3 5-6
ON
ON
ON
2-3 5-4
ON
(ON)
(ON)
2-1 5-4
.394” (10.0mm) Bat
POLES & CIRCUITS
2 (COM)
1
3
4
6
1
3
25
(COM)
A
Slot
Slot
3
1
INTERNAL
CONNECTION
36
25
4
1
Common
(in)
(out)
(out)
(out)
External
Conn
Standard Material & Finish: Brass with Bright Nickel
Material & Finish for J2: Matte finish black glass fiber reinforced polyamide
.248” (6.3mm) Bat
J
J2
.248” (6.3mm) Antistatic Bat
(10.0)
.394
26°
(2.6) Dia
.102
26°
(2.6) Dia
.102
(6.3)
.248
26°
(2.1) Dia
.083
(6.3)
.248
E
H
K
.394” (10.0mm) Flatted
.248” (6.3mm) Flatted
Snap Top for Paddles
(2.7)
.106
26°
(1.6)
.063
(10.0)
.394
(2.6)
.102
(6.3)
.248
(1.6)
.063
26°
(2.5)
.098
26°
(5.0)
.197
(1.6)
.063
Dissipating 20Kv ESD: Straight PC
Dissipating 10Kv ESD: Straight PC
with Bracket, Right Angle, & Vertical
The SP3T model utilizes
a double pole base.
External
connections
must be made
during field
installation.
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com