Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7713 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7713
Description  Loop-Powered Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7713 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7713 Datasheet HTML 5Page - Analog Devices AD7713 Datasheet HTML 6Page - Analog Devices AD7713 Datasheet HTML 7Page - Analog Devices AD7713 Datasheet HTML 8Page - Analog Devices AD7713 Datasheet HTML 9Page - Analog Devices AD7713 Datasheet HTML 10Page - Analog Devices AD7713 Datasheet HTML 11Page - Analog Devices AD7713 Datasheet HTML 12Page - Analog Devices AD7713 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
REV. D
AD7713
–9–
CONTROL REGISTER (24 BITS)
A write to the device with the A0 input low writes data to the
control register. A read to the device with the A0 input low
accesses the contents of the control register. The control register
is 24 bits wide. When writing to the register, 24 bits of data
must be written; otherwise, the data will not be loaded to the
MSB
MD2
MD1
MD0
G2
G1
G0
CH1
CH0
WL
RO
BO
B/U
FS11
FS10
FS9
FS8
FS7
FS6
FS5
FS4
FS3
FS2
FS1
FS0
LSB
Operating Mode
MD2
MD1
MD0
Operating Mode
00
0
Normal Mode. This is the normal mode of operation of the device whereby a read to the device with A0 high
accesses data from the data register. This is the default condition of these bits after the internal power-on reset.
00
1Activate Self-Calibration. This activates self-calibration on the channel selected by CH0 and CH1. This is
a 1-step calibration sequence, and when complete, the part returns to normal mode (with MD2, MD1,
MD0 of the control registers returning to 0, 0, 0). The
DRDY output indicates when this self-calibration
is complete. For this calibration type, the zero-scale calibration is done internally on shorted (zeroed)
inputs, and the full-scale calibration is done on VREF.
01
0Activate System Calibration. This activates system calibration on the channel selected by CH0 and CH1.
This is a 2-step calibration sequence, with the zero-scale calibration done first on the selected input
channel and
DRDY indicating when this zero-scale calibration is complete. The part returns to normal
mode at the end of this first step in the 2-step sequence.
01
1Activate System Calibration. This is the second step of the system calibration sequence with full-scale
calibration being performed on the selected input channel. Once again,
DRDY indicates when the full-
scale calibration is complete. When this calibration is complete, the part returns to normal mode.
10
0
Activate System Offset Calibration. This activates system offset calibration on the channel selected by CH0
and CH1. This is a 1-step calibration sequence and, when complete, the part returns to normal mode with
DRDY indicating when this system offset calibration is complete. For this calibration type, the zero-scale
calibration is done on the selected input channel, and the full-scale calibration is done internally on VREF.
10
1
Activate Background Calibration. This activates background calibration on the channel selected by CH0 and
CH1. If the background calibration mode is on, the AD7713 provides continuous self-calibration of the refer-
ence and shorted (zeroed) inputs. This calibration takes place as part of the conversion sequence, extending
the conversion time and reducing the word rate by a factor of 6. Its major advantage is that the user does
not have to worry about recalibrating the device when there is a change in the ambient temperature. In
this mode, the shorted (zeroed) inputs and VREF, as well as the analog input voltage, are continuously
monitored, and the calibration registers of the device are updated.
11
0Read/Write Zero-Scale Calibration Coefficients. A read to the device with A0 high accesses the contents of
the zero-scale calibration coefficients of the channel selected by CH0 and CH1. A write to the device with
A0 high writes data to the zero-scale calibration coefficients of the channel selected by CH0 and CH1.
The word length for reading and writing these coefficients is 24 bits, regardless of the status of the WL bit
of the control register. Therefore, when writing to the calibration register, 24 bits of data must be written;
otherwise, the new data will not be transferred to the calibration register.
11
1Read/Write Full-Scale Calibration Coefficients. A read to the device with A0 high accesses the contents of
the full-scale calibration coefficients of the channel selected by CH0 and CH1. A write to the device with
A0 high writes data to the full-scale calibration coefficients of the channel selected by CH0 and CH1. The
word length for reading and writing these coefficients is 24 bits, regardless of the status of the WL bit of
the control register. Therefore, when writing to the calibration register, 24 bits of data must be written;
otherwise, the new data will not be transferred to the calibration register.
control register. In other words, it is not possible to write just
the first 12 bits of data into the control register. If more than 24
clock pulses are provided before
TFS returns high, then all clock
pulses after the 24th clock pulse are ignored. Similarly, a read
operation from the control register should access 24 bits of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com