Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7713 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7713
Description  Loop-Powered Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7713 Datasheet(HTML) 3 Page - Analog Devices

  AD7713 Datasheet HTML 1Page - Analog Devices AD7713 Datasheet HTML 2Page - Analog Devices AD7713 Datasheet HTML 3Page - Analog Devices AD7713 Datasheet HTML 4Page - Analog Devices AD7713 Datasheet HTML 5Page - Analog Devices AD7713 Datasheet HTML 6Page - Analog Devices AD7713 Datasheet HTML 7Page - Analog Devices AD7713 Datasheet HTML 8Page - Analog Devices AD7713 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
REV. D
AD7713
–3–
Parameter
A, S Versions
1
Unit
Conditions/Comments
REFERENCE INPUT
REF IN(+) – REF IN(–) Voltage
2.5 to AVDD/1.8
V min to V max
For Specified Performance. Part Is
Functional with Lower VREF Voltages.
Input Sampling Rate, fS
fCLK IN/512
Normal-Mode 50 Hz Rejection
6
100
dB min
For Filter Notches of 2 Hz, 5 Hz, 10 Hz,
25 Hz, 50 Hz,
±0.02
fNOTCH.
Normal-Mode 60 Hz Rejection
6
100
dB min
For Filter Notches of 2 Hz, 6 Hz, 10 Hz,
30 Hz, 60 Hz,
±0.02
fNOTCH.
Common-Mode Rejection (CMR)
100
dB min
At DC.
Common-Mode 50 Hz Rejection
6
150
dB min
For Filter Notches of 2 Hz, 5 Hz, 10 Hz,
25 Hz, 50 Hz,
±0.02
fNOTCH.
Common-Mode 60 Hz Rejection
6
150
dB min
For Filter Notches of 2 Hz, 6 Hz, 10 Hz,
30 Hz, 60 Hz,
±0.02
fNOTCH.
Common-Mode Voltage Range
10
AGND to AVDD
V min to V max
DC Input Leakage Current @ 25
°C10
pA max
TMIN to TMAX
1nA max
LOGIC INPUTS
Input Current
±10
µA max
All Inputs Except MCLK IN
VINL, Input Low Voltage
0.8
V max
VINH, Input High Voltage
2.0
V min
MCLK IN Only
VINL, Input Low Voltage
0.8
V max
VINH, Input High Voltage
3.5
V min
LOGIC OUTPUTS
VOL, Output Low Voltage
0.4
V max
ISINK = 1.6 mA.
VOH, Output High Voltage
4.0
V min
ISOURCE = 100
µA.
Floating State Leakage Current
±10
µA max
Floating State Output Capacitance
12
9
pF typ
TRANSDUCER BURN-OUT
Current
1.2
µA nom
Initial Tolerance @ 25
°C
±10
% typ
Drift
0.1
%/
°C typ
RTD EXCITATION CURRENTS
(RTD1, RTD2)
Output Current
200
µA nom
Initial Tolerance @ 25
°C
±20
% max
Drift
20
ppm/
°C typ
Initial Matching @ 25
°C
±1% max
Matching Between RTD1 and RTD2 Currents.
Drift Matching
3
ppm/
°C typ
Matching Between RTD1 and RTD2 Current
Drift.
Line Regulation (AVDD)
200
nA/V max
AVDD = 5 V.
Load Regulation
200
nA/V max
SYSTEM CALIBRATION
AIN1, AIN2
Positive Full-Scale Calibration Limit
13
+(1.05
VREF)/GAIN V max
GAIN Is the Selected PGA Gain
(Between 1 and 128).
Negative Full-Scale Calibration Limit
13
–(1.05
VREF)/GAIN V max
GAIN Is the Selected PGA Gain
(Between 1 and 128).
Offset Calibration Limit
14, 15
–(1.05
VREF)/GAIN V max
GAIN Is the Selected PGA Gain
(Between 1 and 128).
Input Span
14
+(0.8
VREF)/GAIN V min
GAIN Is the Selected PGA Gain
(Between 1 and 128).
+(2.1
VREF)/GAIN V max
GAIN Is the Selected PGA Gain
(Between 1 and 128).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com