Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7713 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7713
Description  Loop-Powered Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7713 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7713 Datasheet HTML 16Page - Analog Devices AD7713 Datasheet HTML 17Page - Analog Devices AD7713 Datasheet HTML 18Page - Analog Devices AD7713 Datasheet HTML 19Page - Analog Devices AD7713 Datasheet HTML 20Page - Analog Devices AD7713 Datasheet HTML 21Page - Analog Devices AD7713 Datasheet HTML 22Page - Analog Devices AD7713 Datasheet HTML 23Page - Analog Devices AD7713 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
REV. D
–20–
AD7713
signal must remain valid for the duration of the serial read opera-
tion. With A0 high, data is accessed from either the output
register or from the calibration registers. With A0 low, data is
accessed from the control register.
The function of the
DRDY line is dependent on only the output
update rate of the device and the reading of the output data
register.
DRDY goes low when a new data-word is available in
the output data register. It is reset high when the last bit of data
(either 16th bit or 24th bit) is read from the output register. If
data is not read from the output register, the
DRDY line will
remain low. The output register will continue to be updated at
the output update rate, but
DRDY will not indicate this. A read
from the device in this circumstance will access the most recent
word in the output register. If a new data-word becomes avail-
able to the output register while data is being read from the
output register,
DRDY will not indicate this, and the new data-
word will be lost to the user.
DRDY is not affected by reading
from the control register or the calibration register.
Data can be accessed from the output data register only when
DRDY is low. If RFS goes low while DRDY is high, no data
transfer will take place.
DRDY does not have any effect on read-
ing data from the control register or from the calibration registers.
Figures 12a and 12b show timing diagrams for reading from the
AD7713 in the external clocking mode. Figure 12a shows a
situation where all the data is read from the AD7713 in one
read operation. Figure 12b shows a situation where the data is
read from the AD7713 over a number of read operations. Both
read operations show a read from the AD7713’s output data
register. A read from the control register or calibration registers
is similar, but in these cases, the
DRDY line is not related to the
read function. Depending on the output update rate, it can go
low at any stage in the control/calibration register read cycle
without affecting the read and its status should be ignored. A
read operation from either the control or calibration registers
must always read 24 bits of data from the respective register.
Figure 12a shows a read operation from the AD7713 where
RFS remains low for the duration of the data-word transmis-
sion. With
DRDY low, the RFS input is brought low. The input
SCLK signal should be low between read and write operations.
RFS going low places the MSB of the word to be read on the
serial data line. All subsequent data bits are clocked out on a
high-to-low transition of the serial clock and are valid prior to
the following rising edge of this clock. The penultimate falling
edge of SCLK clocks out the LSB and the final falling edge
resets the
DRDY line high. This rising edge of DRDY turns off
the serial data output.
Figure 12b shows a timing diagram for a read operation where
RFS returns high during the transmission of the word and
returns low again to access the rest of the data-word. Timing
parameters and functions are very similar to that outlined for
Figure 12a, but Figure 12b has a number of additional times
to show timing relationships when
RFS returns high in the
middle of transferring a word.
RFS should return high during a low time of SCLK. On the
rising edge of
RFS, the SDATA output is turned off. DRDY
remains low and will remain low until all bits of the data-word
are read from the AD7713, regardless of the number of times
RFS changes state during the read operation. Depending on the
time between the falling edge of SCLK and the rising edge of
RFS, the next bit (BIT N + 1) may appear on the data bus
before
RFS goes high. When RFS returns low again, it activates
the SDATA output. When the entire word is transmitted, the
SDATA (O)
SCLK (I)
THREE-STATE
RFS (I)
A0 (I)
t22
MSB
LSB
DRDY (O)
t21
t20
t23
t26
t29
t28
t27
t25
t24
Figure 12a. External Clocking Mode, Output Data Read Operation
THREE-STATE
MSB
BIT N
BIT N+1
SDATA (O)
SCLK (I)
RFS (I)
A0 (I)
DRDY (O)
t22
t20
t31
t26
t24
t25
t27
t30
t24
t25
Figure 12b. External Clocking Mode, Output Data Read (
RFS Returns High During Read Operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com