Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5601ARKZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5601ARKZ-R7
Description  50 MHz to 4.0 GHz RF/IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5601ARKZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5601ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADL5601
Rev. A | Page 5 of 16
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER INTERFACE
VCC
Supply Voltage (VCC)
4.5
5.0
5.5
V
Supply Current
83
100
mA
vs. Temperature
−40°C ≤ TA ≤ +85°C
±2.3
mA
Power Dissipation
VCC = 5 V
0.42
W
TYPICAL SCATTERING PARAMETERS (S-PARAMETERS)
VCC = 5 V, TA = 25°C, and the effects of the evaluation board have been deembedded up to the pins of the device.
Table 2.
Frequency
(MHz)
S11
S21
S12
S22
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
50
−20.65
−144.57
+15.59
+161.69
−19.76
−7.97
−16.61
−168.75
100
−25.05
+175.09
+15.34
+149.77
−19.85
−24.47
−16.06
+164.97
150
−25.57
+149.73
+15.27
+136.48
−19.89
−38.84
−15.85
+145.84
200
−24.93
+130.36
+15.20
+122.75
−19.92
−52.66
−15.63
+128.22
250
−24.24
+114.36
+15.14
+108.91
−19.96
−66.22
−15.49
+112.53
300
−23.29
+101.24
+15.07
+95.06
−19.99
−79.64
−15.40
+98.52
350
−22.53
+88.38
+15.02
+81.26
−20.03
−92.91
−15.35
+84.79
400
−22.07
+76.45
+14.97
+67.39
−20.05
−106.12
−15.38
+71.26
450
−21.78
+66.13
+14.94
+53.57
−20.07
−119.35
−15.48
+58.84
500
−21.51
+55.91
+14.92
+39.81
−20.08
−132.53
−15.68
+46.57
550
−21.57
+46.37
+14.90
+25.97
−20.09
−145.77
−16.07
+34.25
600
−21.78
+38.11
+14.89
+12.17
−20.10
−159.04
−16.65
+22.42
650
−22.13
+30.61
+14.89
−1.54
−20.10
−172.37
−17.41
+10.91
700
−22.68
+23.62
+14.88
−15.54
−20.11
+174.38
−18.36
−0.29
750
−23.43
+18.47
+14.89
−29.41
−20.11
+161.06
−19.65
−10.39
800
−24.35
+16.37
+14.89
−43.49
−20.11
+147.71
−21.34
−18.60
850
−25.29
+16.28
+14.89
−57.51
−20.12
+134.31
−23.41
−25.16
900
−25.88
+20.10
+14.88
−71.67
−20.13
+120.86
−25.86
−26.32
950
−25.90
+25.78
+14.87
−85.39
−20.14
+107.34
−28.12
−18.10
1000
−25.31
+29.70
+14.87
−99.48
−20.16
+93.84
−28.73
−1.68
1050
−24.16
+29.42
+14.86
−113.64
−20.18
+80.32
−27.11
+8.91
1100
−23.38
+25.45
+14.83
−127.83
−20.22
+66.77
−25.16
+5.98
1150
−22.70
+20.88
+14.81
−141.81
−20.25
+53.39
−23.33
+1.75
1200
−22.10
+13.43
+14.80
−155.93
−20.27
+39.79
−22.27
−8.80
1250
−21.81
+4.90
+14.78
−170.15
−20.31
+26.19
−21.38
−21.30
1300
−21.78
−4.74
+14.75
+175.70
−20.35
+12.56
−20.75
−35.07
1350
−21.96
−15.31
+14.72
+161.57
−20.40
−1.10
−20.35
−50.07
1400
−22.31
−27.46
+14.68
+147.40
−20.44
−14.74
−20.06
−66.34
1450
−22.92
−40.13
+14.64
+133.17
−20.50
−28.45
−19.80
−83.25
1500
−23.53
−55.61
+14.60
+118.79
−20.56
−42.17
−19.60
−100.18
1550
−24.04
−74.40
+14.56
+104.52
−20.62
−55.96
−19.29
−117.80
1600
−24.50
−95.46
+14.49
+90.23
−20.70
−69.82
−18.83
−135.14
1650
−24.13
−118.14
+14.43
+75.97
−20.79
−83.66
−18.22
−150.53
1700
−23.01
−140.97
+14.37
+61.50
−20.89
−97.51
−17.57
−164.65
1750
−21.46
−161.36
+14.27
+47.04
−21.00
−111.39
−16.78
−177.64
1800
−19.67
−178.55
+14.18
+32.52
−21.12
−125.37
−15.91
+170.73
1850
−17.73
+167.17
+14.07
+18.07
−21.26
−139.35
−14.91
+160.24
1900
−15.95
+154.24
+13.92
+3.63
−21.42
−153.36
−13.88
+150.20
1950
−14.26
+141.96
+13.77
−10.89
−21.60
−167.35
−12.82
+140.45
2000
−12.72
+130.33
+13.60
−25.40
−21.81
+178.67
−11.79
+130.63
2050
−11.36
+119.00
+13.39
−39.85
−22.05
+164.79
−10.77
+120.32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com