Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5601ARKZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5601ARKZ-R7
Description  50 MHz to 4.0 GHz RF/IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5601ARKZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5601ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 15Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
ADL5601
Rev. A | Page 15 of 16
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS TO-243
4.25
3.94
4.60
4.40
1.75
1.55
1.50 TYP
3.00 TYP
END VIEW
2.60
2.30
1.20
0.75
1
2
(2)
3
2.29
2.14
0.56
0.36
0.52
0.32
1.60
1.40
0.44
0.35
TOP VIEW
BOTTOM VIEW
2.413
2.380
2.337
1.270
1.252
1.219
0.635
0.569
0.508
Figure 21. 3-Lead Small Outline Transistor Package [SOT-89]
(RK-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADL5601ARKZ-R7
−40°C to +85°C
3-Lead SOT-89, 7“ Tape and Reel
RK-3
ADL5601-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com