Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5601ARKZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5601ARKZ-R7
Description  50 MHz to 4.0 GHz RF/IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5601ARKZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5601ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 15Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADL5601
Data Sheet
Rev. A | Page 12 of 16
BASIC CONNECTIONS
The basic connections for operating the ADL5601 are shown in
Figure 16. Recommended components are listed in Table 5. The
input and output should be ac-coupled with appropriately sized
capacitors (the device characterization was performed with
0.1 μF capacitors). A 5 V dc bias is supplied to the amplifier
through the bias inductor connected to RFOUT (Pin 3). The
bias voltage should be decoupled using a 1 µF capacitor, a 1.2 nF
capacitor, and a 68 pF capacitor.
C6
1µF
C5
1.2nF
C4
68pF
VCC
RFOUT
RFIN
RFIN
GND
GND
RFOUT
1
2
3
GND
ADL5601
(2)
C2
0.1µF
L1
470nH
C1
0.1µF
Figure 16. Basic Connections
SOLDERING INFORMATION AND RECOMMENDED
PCB LAND PATTERN
Figure 17 shows the recommended land pattern for the ADL5601.
To minimize thermal impedance, the exposed paddle on the
package underside, along with Pin 2, should be soldered to a
ground plane. If multiple ground layers exist, they should be
stitched together using vias. For more information on land
pattern design and layout, refer to the AN-772 Application
Note, A Design and Manufacturing Guide for the Lead Frame
Chip Scale Package (LFCSP).
1.50mm
3.00mm
1.27mm
0.62mm
3.48mm
1.80mm
0.86mm
5.37mm
0.20mm
0.762mm
0.635mm
0.86mm
Figure 17. Recommended Land Pattern
Table 5. Recommended Components for Basic Connections
Frequency
C1
C2
L1
C4
C5
C6
50 MHz to 4000 MHz
0.1 µF
0.1 µF
470 nH (Coilcraft 0603LS-NX or equivalent)
68 pF
1.2 nF
1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com