Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC01P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ISC01P
Description  Exceptional contrast: 50 times greater than LCD products
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISC01P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ISC01P Datasheet HTML 1Page - List of Unclassifed Manufacturers ISC01P Datasheet HTML 2Page - List of Unclassifed Manufacturers ISC01P Datasheet HTML 3Page - List of Unclassifed Manufacturers ISC01P Datasheet HTML 4Page - List of Unclassifed Manufacturers ISC01P Datasheet HTML 5Page - List of Unclassifed Manufacturers ISC01P Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SmartSwitchTM
OLED Display
www.nkk.com
E3
E
OLED SPECIFICATIONS
Characteristics of Display
Display Device
Color OLED display module
Display Mode
Passive matrix
Viewing Area
12.9mm x 9.9mm (horizontal x vertical)
Pixel Format
52RGB x 36 pixels (horizontal x vertical)
Pixel Size
0.21mm x 0.22mm (horizontal x vertical)
Interface
Serial (SPI) interface
Number of Colors
65,536 Colors (16bit: R 5bit/G 6bit/B 5bit)
or 256 Colors (8bit: R 2bit/G 3bit/B 3bit)
Operating Temperature Range
–20°C ~ +70°C (–4°F ~ +158°F)
Storage Temperature Range
–30°C ~ +80°C (–22°F ~ +176°F)
Operating Life (Display)
30,000 hours @ 100cd/m2 (based on 40% pixels ON)
60,000 hours @ 50cd/m2 (based on 40% pixels ON)
Absolute Maximum Ratings
Items
Symbols
Ratings
Supply Voltage for
Logic/Interface
VDD
–0.3V to +4.0V
Supply Voltage for Drive
VCC
0.0V to +19.0V
Input Voltage
VI
–0.3V to VDD +0.3V
Current Consumption
(Temperature at 25°C, VDD = 2.8V, VCC = 16.0V)
Items
Symbols Min Typical
Max
All-Pixels-On Mode
*Drive System Power Current
ICC1
–– 2.4mA
2.9mA
All-Pixels-On Mode
*Logic/IF System Power Current
IDD1
–– 0.15mA 0.18mA
Sleep Mode
**Drive System Power Current
ICC2
––
––
10μA
Sleep Mode
**Logic/IF System Power Current IDD2
––
––
10μA
*All pixels shall be turned on with the maximum level gray scale
**All pixels shall be turned off (while chip is operating)
Optical Characteristics (Temperature at 25°C, Initial Value: 87 x 0F)
Items
Min
Typical
Max
Unit
Remarks
Luminosity
75
100
125
cd/m2
White
(All pixels on)
White Color
Coordinate
(x)
0.25
0.29
0.33
––
(y)
0.31
0.36
0.41
––
Red Color
Coordinate
(x)
0.63
0.67
0.71
––
(y)
0.29
0.33
0.37
––
Green Color
Coordinate
(x)
0.19
0.23
0.27
––
(y)
0.60
0.64
0.68
––
Blue Color
Coordinate
(x)
0.10
0.14
0.18
––
(y)
0.14
0.20
0.26
––
Contrast Ratio
100
––
––
––
DISPLAY PART NUMBER & DESCRIPTION
Part Number
Display Description
OLED
Pixel Format
ISC01P
Straight PC Terminals
Color OLED
Display Module
65,536 Colors
52RGB x 36 Pixels
Horizontal x Vertical
Recommended Operating Conditions
Items
Symbols Minimum
Typical
Maximum
Supply Voltage for
Logic/Interface
VDD
2.4V
2.8V
3.5V
Supply Voltage for Drive
VCC
15.0V
16.0V
17.0V
Input High Level Voltage
VIH
0.8 x VDD
––
––
Input Low Level Voltage
VIL
––
––
0.2 x VDD
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com