Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC01P Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ISC01P
Description  Exceptional contrast: 50 times greater than LCD products
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISC01P Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  ISC01P Datasheet HTML 1Page - List of Unclassifed Manufacturers ISC01P Datasheet HTML 2Page - List of Unclassifed Manufacturers ISC01P Datasheet HTML 3Page - List of Unclassifed Manufacturers ISC01P Datasheet HTML 4Page - List of Unclassifed Manufacturers ISC01P Datasheet HTML 5Page - List of Unclassifed Manufacturers ISC01P Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SmartSwitchTM
OLED Display
www.nkk.com
E7
E
PRECAUTIONS FOR HANDLING & STORAGE OF OLED DEVICES
Handling
1. The IS Series OLED devices are electrostatic sensitive. To avoid damage to IC, do not touch terminals unless
properly isolated from static electricity.
2. Signal input under conditions not recommended may cause damage to the OLED unit or deterioration of the
display. Follow directions regarding supply sequences of power and signal voltages.
3. If the OLED panel is broken, avoid touching the contents. Wash off any contact to the skin or clothing.
4. Limit operating force to switch keytop to 100.0N maximum, as excessive pressure may damage the OLED.
5. For OLED display, it is necessary for bracket legs to be Grounded.
6. Recommended soldering time and temperature limits for OLED switch or display:
Wave Soldering: see Profile A in Supplement section.
Manual Soldering: see Profile A in Supplement section.
A
void temperatures exceeding 80°C at the OLED.
7. The IS series OLED devices are not process sealed.
8. Pixels acquire diminished brightness over time and use, and those most frequently habituated have greater
reduction of brightness than those less used. To minimize this difference, operate OLED unit so that all pixels
are used as consistently as possible.
9. For switch, clean cap surface with dry cloth. If further cleaning is needed, wipe with dampened cloth using
neutral cleanser and dry with clean cloth. Do not use organic solvent. For display, avoid contact with any
flux or detergent. If any liquids spill on display surface, immediately wipe with soft absorbent cloth.
Storage
1. Store in original container and away from direct sunlight.
2. Keep away from static electricity.
3. Avoid extreme temperatures, high humidity, gaseous substances, and all forms of chemical contamination.
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com