Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC01P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ISC01P
Description  Exceptional contrast: 50 times greater than LCD products
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISC01P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ISC01P Datasheet HTML 1Page - List of Unclassifed Manufacturers ISC01P Datasheet HTML 2Page - List of Unclassifed Manufacturers ISC01P Datasheet HTML 3Page - List of Unclassifed Manufacturers ISC01P Datasheet HTML 4Page - List of Unclassifed Manufacturers ISC01P Datasheet HTML 5Page - List of Unclassifed Manufacturers ISC01P Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SmartSwitchTM
OLED Display
www.nkk.com
E2
E
DISTINCTIVE CHARACTERISTICS
• Organic LED technology
• Life 30,000 hours @ 100cd/m2 (based on 40% pixels on) or
• 60,000 hours @ 50cd/m2 (based on 40% pixels on)
• Power consumption only 2.4mA (30% less than previous product)
• Range of 65,536 colors in 16 bit mode, 256 colors in 8 bit mode
• Full viewing angle of 180°
• Exceptional contrast: 50 times greater than LCD products
• Four times more enhanced resolution
• High resolution provides sharp, clear images of very small characters
• Operated by commands and data supplied via serial communications (SPI)
• Dust tight construction
Viewing area: 12.9mm x 9.9mm (horizontal x vertical)
High resolution of 52RGB x 36 pixels
Bracket has crimped legs to ensure secure PC mounting
and prevent dislodging during wave soldering
Actual Size


Similar Part No. - ISC01P

ManufacturerPart #DatasheetDescription
logo
GREATECS
ISC01P GREATECS-ISC01P Datasheet
2Mb / 7P
Programmable OLED Video Switch and Display
More results

Similar Description - ISC01P

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1031-60CM PASTERNACK-PE3CA1031-60CM Datasheet
482Kb / 6P
Excellent Return loss Greater than 28 dB
logo
ZETTLER Electronics
AZSR180 ZETTLER-AZSR180 Datasheet
55Kb / 2P
Isolation spacing greater than 10 mm
logo
STANLEY ELECTRIC CO.,LT...
VJDA1104P-4D12C-TR STANLEY-VJDA1104P-4D12C-TR Datasheet
703Kb / 21P
Five times brighter than current VFHA1104P
VJDV1104P-4D13A-TR STANLEY-VJDV1104P-4D13A-TR Datasheet
706Kb / 21P
Five times brighter than current VFHV1104P
VJDR1104P-4C81C-TR STANLEY-VJDR1104P-4C81C-TR Datasheet
707Kb / 21P
Five times brighter than current VFHR1104P
VJDR1104P-4CZ2A-TR STANLEY-VJDR1104P-4CZ2A-TR Datasheet
706Kb / 21P
Five times brighter than current VFHR1104P
logo
Maxim Integrated Produc...
MAX17122EVKIT MAXIM-MAX17122EVKIT Datasheet
628Kb / 7P
Greater than 94% Efficiency (Step-Up Switching Regulator)
Rev 0; 12/09
logo
Bel Fuse Inc.
PFC250 BEL-PFC250 Datasheet
659Kb / 6P
Greater than 1 million hours demonstrated MTBF
PFC375 BEL-PFC375 Datasheet
691Kb / 6P
Greater than 1 million hours demonstrated MTBF
logo
Maxim Integrated Produc...
MAX9788EVKIT MAXIM-MAX9788EVKIT Datasheet
109Kb / 4P
Delivers Greater than 14VP-P into a Ceramic Speaker
Rev 2; 8/07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com