Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC15ANP4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ISC15ANP4
Description  Organic LED technology; now with 30,000 hours life and 30% less power consumption
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISC15ANP4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ISC15ANP4 Datasheet HTML 1Page - List of Unclassifed Manufacturers ISC15ANP4 Datasheet HTML 2Page - List of Unclassifed Manufacturers ISC15ANP4 Datasheet HTML 3Page - List of Unclassifed Manufacturers ISC15ANP4 Datasheet HTML 4Page - List of Unclassifed Manufacturers ISC15ANP4 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OLED SMARTSWITCHTM
NKK Switches • email: smartswitch@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkksmartswitch.com
3
SWITCH SPECIFICATIONS
Circuit
SPST normally open
Contact Position
Leave actuator: 1 – 2 OFF
Push actuator: 1 – 2 ON
Electrical Capacity (Resistive Load)
100mA @ 12V DC
Contact Resistance
200 milliohms maximum @ 20mV 10mA
Insulation Resistance
100 megohms minimum @ 100V DC
Dielectric Strength
125V AC for 1 minute minimum
Mechanical Endurance
3,000,000 operations minimum
Electrical Endurance
3,000,000 operations minimum
Operating Force
2.0 ± 0.5 Newtons
Total Travel
4.5mm (.177”)
Switch Description
OLED
Pixel Format
SPST, Momentary ON
Gold Contacts
Straight PC Terminals
Color OLED
Display Module
65,536 Colors
64RGB x 48 Pixels
Horizontal x Vertical
SWITCH DESCRIPTION
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES
OLED SPECIFICATIONS
Absolute Maximum Ratings
Items
Symbols
Ratings
Supply Voltage for
Logic/Interface
VDD
–0.3V to +4.0V
Supply Voltage for Drive
VCC
–0.0V to +19.0V
Input Voltage
VI
–0.3V to VDD +0.3V
Recommended Operating Conditions
Items
Symbols Minimum
Typical
Maximum
Supply Voltage for
Logic/Interface
VDD
2.4V
2.8V
3.5V
Supply Voltage for Drive
VCC
15.0V
16.0V
17.0V
Input High Level Voltage
VIH
0.8 x VDD
––
––
Input Low Level Voltage
VIL
––
––
0.2 x VDD
Characteristics of Display
Display Device
Color OLED display module
Display Mode
Passive matrix
Viewing Area
15.5mm x 11.6mm (horizontal x vertical)
Pixel Format
64RGB x 48 pixels (horizontal x vertical)
Pixel Size
0.21mm x 0.20mm (horizontal x vertical)
Interface
Serial (SPI) interface
Number of Colors
65,536 Colors (16bit: R 5bit/G 6bit/B 5bit)
or 256 Colors (8bit: R 2bit/G 3bit/B 3bit)
Operating Temperature Range
–20°C ~ +70°C (–4°F ~ +158°F)
Storage Temperature Range
–30°C ~ +80°C (–22°F ~ +176°F)
Operating Life (Display)
30,000 hours (at 40% pixels ON)
Current Consumption
(Temperature at 25°C, VDD = 2.8V, VCC = 16.0V)
Items
Symbols Min Typical
Max
All-Pixels-On Mode
*Drive System Power Current
ICC1
–– 3.8mA 4.6mA
All-Pixels-On Mode
*Logic/IF System Power Current
IDD1
–– 0.16mA 0.19mA
Sleep Mode
**Drive System Power Current
ICC2
––
––
10μA
Sleep Mode
**Logic/IF System Power Current IDD2
––
––
10μA
* All pixels shall be turned on with the maximum level gray scale
** All pixels shall be turned off (while chip is operating)
Optical Characteristics (Temperature at 25°C, Initial Value: 87 x 0F)
Items
Min
Typical
Max
Unit
Remarks
Luminosity
75
100
125
cd/m2
White
(All pixels on)
White Color
Coordinate
(x)
0.26
0.30
0.34
––
(y)
0.32
0.37
0.42
––
Red Color
Coordinate
(x)
0.63
0.67
0.71
––
(y)
0.29
0.33
0.37
––
Green Color
Coordinate
(x)
0.19
0.23
0.27
––
(y)
0.61
0.65
0.69
––
Blue Color
Coordinate
(x)
0.10
0.14
0.18
––
(y)
0.14
0.20
0.26
––
Contrast Ratio
100
––
––
––



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com