Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC15ANP4 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ISC15ANP4
Description  Organic LED technology; now with 30,000 hours life and 30% less power consumption
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISC15ANP4 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ISC15ANP4 Datasheet HTML 1Page - List of Unclassifed Manufacturers ISC15ANP4 Datasheet HTML 2Page - List of Unclassifed Manufacturers ISC15ANP4 Datasheet HTML 3Page - List of Unclassifed Manufacturers ISC15ANP4 Datasheet HTML 4Page - List of Unclassifed Manufacturers ISC15ANP4 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
OLED SMARTSWITCHTM
NKK Switches • email: smartswitch@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkksmartswitch.com
4
Terminal numbers are not on the switch.
SWITCH BLOCK DIAGRAM & PIN CONFIGURATIONS
TYPICAL SWITCH DIMENSIONS
Driving Block
SEG/COM
Segment Driver
SR1,SG1,SB1......SR64,
SG64,SB64
Color OLED Panel
64RGB x 48
SW
Gray Scale
Common Driver
COM1....COM48
Display Timing
Oscillator
Generator
Decoder
Command Decoder
Graphic Display
Data
RAM
96 x 64 x 16 Bit
MCU Interface
OLED Driver
with Controller
SW
1
CC
V
9
DD
V
3
RES
5
SCK
7
4
SS
8
SDI
6
D/C
GND 10
2
OLED SMARTSWITCHTM
Pin No.
Symbol
Name
Function
SW
Terminal of Switch
Normally open
SW
Terminal of Switch
Normally open
VDD
Power
Power source for logic circuit
SS
Slave Select
Slave select for SPI. This line is active low.
RES
Reset
Reset signal input. When pin is low, initialization of chip is
executed.
D/C
Data/Command
Data/Command Control. When pin is pulled low, data will
be interpreted as Command; when pulled high, data will be
interpreted as Data.
SCK
Serial Clock
Clock line for SPI that synchronizes command and data
SDI
Serial Data In
Data input line for SPI
VCC
Power
Power source for drive circuit
GND
Ground
Connect to Ground
6
5
4
3
2
1
9
8
7
10
(15.5)
.610
(23.13)
.911
(11.6)
.457
(20.59)
.811
(0.74)
.029
(9.57)
.377
(13.41)
.528
See
Pixel Detail
(23.0)
.906
(3.4)
.134
(3.3)
.130
(0.6)
.024
(0.4)
.016
Typ
Typ
See Standoff
Detail
(7.62)
.300
(16.0)
.630
(18.0)
.709
(8.0)
.315
(7.05)
.278
(2.0)
.079
(1.0)
.039
(7.0)
.276
Typ
(0.3)
.012
Typ
(0.2)
.008
Typ
1
2
3
4
9
10
Standoff 1
Standoff 2
Standoff 2
Standoff 1
(0.2)
.008
A
(1.25)
.049
(2.0) Dia
.079
(7.62)
.300
(16.0)
.630
(18.0)
.709
(8.0)
.315
(7.05)
.278
(2.0)
.079
(1.0)
.039
(7.0)
.276
Typ
8x (0.75)
.029
2x (0.9)
.035
Dia
Dia
1
2
3
4
9
10
4x (1.3) Dia
.051
Landless
Pixel Detail
Pixel Detail A
Standoff Detail
Dimension A
Standoff 1 = (2.7)
.106
Standoff 2 = (2.3)
.091
Footprint
(0.03)
.0012
Typ
(0.20) Typ
.0079
(0.21) Typ
.0083
See Pixel
Detail A
(0.03) Typ
.0012
R
R
G BR
(0.17)
.0067
(0.20)
.0079
(0.04) Typ
.0016
(0.07) Typ
.0028
(0.21)
.0083



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com