Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC15ANP4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ISC15ANP4
Description  Organic LED technology; now with 30,000 hours life and 30% less power consumption
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISC15ANP4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ISC15ANP4 Datasheet HTML 1Page - List of Unclassifed Manufacturers ISC15ANP4 Datasheet HTML 2Page - List of Unclassifed Manufacturers ISC15ANP4 Datasheet HTML 3Page - List of Unclassifed Manufacturers ISC15ANP4 Datasheet HTML 4Page - List of Unclassifed Manufacturers ISC15ANP4 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ISC15ANP4
Version (1)
NKK Switches • email: smartswitch@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkksmartswitch.com
2
DISTINCTIVE CHARACTERISTICS
Actual Size
Viewing area: 15.5mm x 11.6mm (horizontal x vertical)
High reliability and long life of three million actuations
minimum
High resolution of 64RGB x 48 pixels
Epoxy sealed straight PC terminals
Snap-in standoff for easy, secure mounting and alignment
• Organic LED technology; now with 30,000 hours life and 30% less power consumption
• Range of 65,536 colors in 16 bit mode, 256 colors in 8 bit mode
• Full viewing angle of 180°
• Exceptional contrast: 50 times greater than previous LCD products
• Four times more enhanced resolution
• High resolution provides sharp, clear images of very small characters
• Operated by commands and data supplied via serial communications (SPI)
• Distinct, long travel of 4.5mm (same as KP01 Series)
• Dust tight construction
• Stylish, translucent black housing design


Similar Part No. - ISC15ANP4

ManufacturerPart #DatasheetDescription
logo
GREATECS
ISC15ANP4 GREATECS-ISC15ANP4 Datasheet
2Mb / 7P
Programmable OLED Video Switch and Display
More results

Similar Description - ISC15ANP4

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_16 Datasheet
348Kb / 5P
Extended Life, 3000 hours
474TMA100M ILLINOISCAPACITOR-474TMA100M_16 Datasheet
267Kb / 3P
Extended Life, 2000 hours
logo
United Chemi-Con, Inc.
EMVJ6R3ADA CHEMI-CON-EMVJ6R3ADA Datasheet
317Kb / 1P
2000-hours-life, 105?
EMVJ100ADA CHEMI-CON-EMVJ100ADA Datasheet
317Kb / 1P
2000-hours-life, 105?
EMVJ250ADA CHEMI-CON-EMVJ250ADA Datasheet
317Kb / 1P
2000-hours-life, 105?
logo
E-SWITCH
ST790000 E-SWITCH-ST790000 Datasheet
154Kb / 1P
ELECTRIC LIFE: 30,000 CYCLES
ST790004 E-SWITCH-ST790004 Datasheet
147Kb / 1P
ELECTRIC LIFE: 30,000 CYCLES
ST790006 E-SWITCH-ST790006 Datasheet
146Kb / 1P
ELECTRIC LIFE: 30,000 CYCLES
ST790008 E-SWITCH-ST790008 Datasheet
149Kb / 1P
ELECTRIC LIFE: 30,000 CYCLES
ST790010 E-SWITCH-ST790010 Datasheet
149Kb / 1P
ELECTRIC LIFE: 30,000 CYCLES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com