Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM829ECT Datasheet(PDF) 4 Page - Microchip Technology

Part # TCM829ECT
Description  Switched Capacitor Voltage Converters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM829ECT Datasheet(HTML) 4 Page - Microchip Technology

  TCM829ECT Datasheet HTML 1Page - Microchip Technology TCM829ECT Datasheet HTML 2Page - Microchip Technology TCM829ECT Datasheet HTML 3Page - Microchip Technology TCM829ECT Datasheet HTML 4Page - Microchip Technology TCM829ECT Datasheet HTML 5Page - Microchip Technology TCM829ECT Datasheet HTML 6Page - Microchip Technology TCM829ECT Datasheet HTML 7Page - Microchip Technology TCM829ECT Datasheet HTML 8Page - Microchip Technology TCM829ECT Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
TCM828/829-4
5/22/00
Switched Capacitor
Voltage Converters
TCM828
TCM829
© 2001 Microchip Technology Inc.
DS21488A
Capacitor Selection
In order to maintain the lowest output resistance and
output ripple voltage, it is recommended that low ESR
capacitors be used. Additionally, larger values of C1 will
lower the output resistance and larger values of C2 will
reduce output ripple. (See Equation 1(b)).
Table 1 shows various values of C1 and the correspond-
ing output resistance values @ +25
°C. It assumes a 0.1Ω
ESRC1 and 2Ω RSW. Table 2 shows the output voltage ripple
for various values of C2. The VRIPPLE values assume 10mA
output load current and 0.1
Ω ESRC2.
Table 1. Output Resistance vs. C1 (ESR = 0.1
Ω)
C1(
µF)
TCM828 ROUT (
Ω)
TCM829 ROUT (
Ω)
0.1
850
302
1
100
45
3.3
42
25
10
25
19
47
18
17
100
17
17
Table 2. Output Voltage Ripple vs. C2 (ESR = 0.1
Ω) I
OUT 10mA
C2(
µF)
TCM828 VRIPPLE (mV)
TCM829 VRIPPLE (mV)
1
835
286
3.3
254
88
10
85
31
47
20
8
100
10
5
Input Supply Bypassing
The VIN input should be capacitively bypassed to reduce
AC impedance and minimize noise effects due to the switch-
ing internal to the device. The recommended capacitor
depends on the configuration of the TCM828/829.
If the device is loaded from OUT to GND it is recom-
mended that a large value capacitor (at least equal to C1) be
connected from the input to GND. If the device is loaded
from IN to OUT a small (0.1
µF) capacitor from IN to OUT is
sufficient.
Voltage Inverter
The most common application for charge pump devices
is the inverter (Figure 3). This application uses two external
capacitors – C1 and C2 (plus a power supply bypass
capacitor, if necessary). The output is equal to V–
IN plus any
voltage drops due to loading. Refer to Table 1 and Table 2
for capacitor selection.
Cascading Devices
Two or more TCM828/829’s can be cascaded to
increase output voltage (Figure 4). If the output is lightly
loaded, it will be close to (– 2 x VIN) but will droop at least by
ROUT of the first device multiplied by the IQ of the second. It
can be seen that the output resistance rises rapidly for
multiple cascaded devices. For large negative voltage
requirements see the TC682 or TCM680 data sheets.
Paralleling Devices
To reduce the value of ROUT, multiple TCM828/829s
can be connected in parallel (Figure 5). The output resis-
tance will be reduced by a factor of N where N is the number
of TCM828/829’s. Each device will require it’s own pump
capacitor (C1), but all devices may share one reservoir
capacitor (C2). However, to preserve ripple performance the
value of C2 should be scaled according to the number of
paralleled TCM828/829’s.
Figure 3. Test Circuit
C1
C1
C2
5
5
4
3
4
1
2
2
1
3
C2
V
IN
V
OUT
V
OUT = –nVIN
+
TCM828
TCM829
"1"
TCM828
TCM829
"n"
. . .
. . .
Figure 4. Cascading TCM828s or TCM829s to Increase Output Voltage
3
2
4
5
1
C3
3.3
µF*
C1
3.3
µF*
C2
3.3
µF*
V
IN
V
OUT
R
L
TCM828
TCM829
C1–
IN
OUT
C1+
GND
Voltage Inverter
*10
µF (TCM828)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com