Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM829ECT Datasheet(PDF) 1 Page - Microchip Technology

Part # TCM829ECT
Description  Switched Capacitor Voltage Converters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM829ECT Datasheet(HTML) 1 Page - Microchip Technology

  TCM829ECT Datasheet HTML 1Page - Microchip Technology TCM829ECT Datasheet HTML 2Page - Microchip Technology TCM829ECT Datasheet HTML 3Page - Microchip Technology TCM829ECT Datasheet HTML 4Page - Microchip Technology TCM829ECT Datasheet HTML 5Page - Microchip Technology TCM829ECT Datasheet HTML 6Page - Microchip Technology TCM829ECT Datasheet HTML 7Page - Microchip Technology TCM829ECT Datasheet HTML 8Page - Microchip Technology TCM829ECT Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TCM828/829-4 5/22/00
TCM828
TCM829
© 2001 Microchip Technology Inc.
DS21488A
Switched Capacitor Voltage Converters
FEATURES
s
Charge Pump in 5-Pin SOT-23A Package
s
>95% Voltage Conversion Efficiency
s
Voltage Inversion and/or Doubling
s
Low 50
µA (TCM828) Quiescent Current
s
Operates from +1.5V to +5.5V
s
Up to 25mA Output Current
s
Only Two External Capacitors Required
APPLICATIONS
s
LCD Panel Bias
s
Cellular Phones
s
Pagers
s
PDAs, Portable Dataloggers
s
Battery-Powered Devices
GENERAL DESCRIPTION
The TCM828/829 are CMOS “charge-pump” voltage
converters in ultra-small 5-Pin SOT-23A packages. They
invert and/or double an input voltage which can range from
+1.5V to +5.5V. Conversion efficiency is typically >95%.
Switching frequency is 12kHz for the TCM828 and 35kHz for
the TCM829.
External component requirement is only two capacitors
(3.3
µF nominal) for standard voltage inverter applications.
With a few additional components a positive doubler can
also be built. All other circuitry, including control, oscillator,
power MOSFETs are integrated on-chip. Supply current
is 50
µA (TCM828) and 115µA (TCM829).
The TCM828 and TCM829 are available in a 5-Pin
SOT-23A surface mount package.
TYPICAL OPERATING CIRCUIT
ORDERING INFORMATION
Part No.
Package
Temp. Range
TCM828ECT
5-Pin SOT-23A
– 40
°C to +85°C
TCM829ECT
5-Pin SOT-23A
– 40
°C to +85°C
NOTE: 5-Pin SOT-23A is equivalent to EIAJ SC-74A.
PIN CONFIGURATION
TCM828
TCM829
VIN
V
OUTPUT
C+
C
C1
C2
INPUT
GND
OUT
C+
C–
OUT
TCM828ECT
TCM829ECT
1
2
3
5
GND
VIN
4
*5-Pin SOT-23A
NOTE: *5-Pin SOT-23A is equivalent to EIAJ SC-74A
Voltage Inverter


Similar Part No. - TCM829ECT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM829ECT MICROCHIP-TCM829ECT Datasheet
75Kb / 9P
Switched Capacitor Voltage Converters
2001
TCM829ECT MICROCHIP-TCM829ECT Datasheet
378Kb / 26P
Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
Switched Capacitor Voltage Converters
07/15/10
More results

Similar Description - TCM829ECT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Analog Devices
ADM660 AD-ADM660 Datasheet
111Kb / 8P
CMOS Switched-Capacitor Voltage Converters
REV.A
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
Switched Capacitor Voltage Converters
2001
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
Switched Capacitor Voltage Converters
07/15/10
logo
Analog Devices
ADM660ARZ-REEL7 AD-ADM660ARZ-REEL7 Datasheet
288Kb / 12P
CMOS Switched-Capacitor Voltage Converters
REV. B
ADM660 AD-ADM660_15 Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
Switched-Capacitor Voltage Converters
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com