Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM829ECT Datasheet(PDF) 7 Page - Microchip Technology

Part # TCM829ECT
Description  Switched Capacitor Voltage Converters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM829ECT Datasheet(HTML) 7 Page - Microchip Technology

  TCM829ECT Datasheet HTML 1Page - Microchip Technology TCM829ECT Datasheet HTML 2Page - Microchip Technology TCM829ECT Datasheet HTML 3Page - Microchip Technology TCM829ECT Datasheet HTML 4Page - Microchip Technology TCM829ECT Datasheet HTML 5Page - Microchip Technology TCM829ECT Datasheet HTML 6Page - Microchip Technology TCM829ECT Datasheet HTML 7Page - Microchip Technology TCM829ECT Datasheet HTML 8Page - Microchip Technology TCM829ECT Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
TCM828/829-4 5/22/00
TCM828
TCM829
Switched Capacitor
Voltage Converters
© 2001 Microchip Technology Inc.
DS21488A
TYPICAL CHARACTERISTICS (Cont.)
Circuit of Figure 3, VIN = +5V, C1 = C2 = C3, TA = +25°C, unless otherwise noted.
100
80
60
40
0
10
20
30
40
50
OUTPUT CURRENT (mA)
Efficiency vs. Output Current
–1
–2
–3
–4
–5
–6
020
30
10
40
50
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
0
V
IN = 2.0V
V
IN = 3.3V
V
IN = 5.0V
V
IN = 5.0V
V
IN = 3.3V
V
IN =1.5V
5-PIN SOT-23A
MARKING
Part Numbers and Part Marking
&
= part number code + temperature range
(two-digit code).
TCM828/829
Code
TCM828ECT
CA
TCM829ECT
CB
ex: TCM828ECT =
kkkk
represents year and quarter code
represents lot ID number
CA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com