Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3414MPFE Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3414MPFE
Description  4A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3414MPFE Datasheet(HTML) 3 Page - Linear Technology

  LTC3414MPFE Datasheet HTML 1Page - Linear Technology LTC3414MPFE Datasheet HTML 2Page - Linear Technology LTC3414MPFE Datasheet HTML 3Page - Linear Technology LTC3414MPFE Datasheet HTML 4Page - Linear Technology LTC3414MPFE Datasheet HTML 5Page - Linear Technology LTC3414MPFE Datasheet HTML 6Page - Linear Technology LTC3414MPFE Datasheet HTML 7Page - Linear Technology LTC3414MPFE Datasheet HTML 8Page - Linear Technology LTC3414MPFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3414
3
3414fb
TYPICAL PERFOR A CE CHARACTERISTICS
VREF vs Temperature, VIN = 3.3V
Switch On-Resistance vs
Input Voltage
Switch On-Resistance vs
Temperature, VIN = 3.3V
TEMPERATURE (
°C)
–40
0.795
0.796
0.798
0.799
0.800
0
40
60
140
3414 G01
0.797
–20
20
80 100 120
INPUT VOLTAGE (V)
2.25 2.75 3.25
3.75
4.25 4.75
5.25
5.75
90
80
70
60
50
40
30
20
10
0
3414 G02
PFET
NFET
TA = 25°C
TEMPERATURE (
°C)
–40
120
100
80
60
40
20
0
–25
3414 G03
–10 520 35 50 65 80 95 110 125
PFET
NFET
INPUT VOLTAGE (V)
2.25
20
18
16
14
12
10
8
6
4
2
0
3.25
4.25
4.75
3414 G04
2.75
3.75
5.25
INPUT VOLTAGE (V)
2.25
3.25
4.25
4.75
2.75
3.75
5.25
PFET
NFET
ROSC (k)
25
7000
6000
5000
4000
3000
2000
1000
0
3414 G05
225
925
825
725
625
525
125
325 425
1040
1020
1000
980
960
940
920
900
3414 G06
TEMPERATURE (
°C)
–40
60
1090
1070
1050
1030
1010
990
970
950
930
910
3414 G07
–20
120
020
40
80
100
INPUT VOLTAGE (V)
2.25
350
300
250
200
150
100
50
0
3.75
4.75
3414 G08
2.75
3.25
4.25
5.25
BURST CLAMP VOLTAGE (V)
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0.2
0.4
0.5
3414 G09
0.1
0.3
0.6
0.7
0.8
ACTIVE
SLEEP
VIN = 3.3V
TA = 25°C
VIN = 3.3V
TA = 25°C
VIN = 3.3V
ROSC = 294k
ROSC = 294k
TA = 25°C
TA = 25°C
TA = 25°C
Frequency vs Temperature
DC Supply Current vs Input
Voltage
Minimum Peak Inductor Current
vs Burst Clamp Voltage
Switch Leakage vs Input Voltage
Frequency vs ROSC
Frequency vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com