Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3414MPFE Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3414MPFE
Description  4A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3414MPFE Datasheet(HTML) 4 Page - Linear Technology

  LTC3414MPFE Datasheet HTML 1Page - Linear Technology LTC3414MPFE Datasheet HTML 2Page - Linear Technology LTC3414MPFE Datasheet HTML 3Page - Linear Technology LTC3414MPFE Datasheet HTML 4Page - Linear Technology LTC3414MPFE Datasheet HTML 5Page - Linear Technology LTC3414MPFE Datasheet HTML 6Page - Linear Technology LTC3414MPFE Datasheet HTML 7Page - Linear Technology LTC3414MPFE Datasheet HTML 8Page - Linear Technology LTC3414MPFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3414
4
3414fb
LOAD CURRENT (A)
100
95
90
85
80
75
70
65
60
55
50
0.001
0.1
1
10
3414 G10
0.01
LOAD CURRENT (A)
100
90
80
70
60
50
40
30
20
10
0
0.001
0.1
1
10
0.01
3414 G11
INPUT VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
3414 G13
5.0
98
96
94
92
90
88
86
84
82
80
78
5.5
LOAD CURRENT (A)
3414 G15
0
–0.05
–0.10
–0.15
–0.20
–0.25
–0.30
0
1.0
2.0
2.5
0.5
1.5
3.0
3.5
4.0
FREQUENCY (kHz)
3414 G14
100
95
90
85
80
75
70
300
1300
2300 2800
800
1800
3300 3800
3414 G16
3414 G17
VIN = 3.3V
VIN = 5V
VIN = 3.3V
VIN = 5V
IOUT = 1A
IOUT = 4A
L = 0.47
μH
L = 0.2
μH
L = 1
μH
VIN = 3.3V, VOUT = 2.5V
LOAD = 250mA
OUTPUT
VOLTAGE
20mV/DIV
INDUCTOR
CURRENT
500mA/DIV
VIN = 3.3V, VOUT = 2.5V
LOAD STEP = 0A TO 4A
OUTPUT
VOLTAGE
100mV/DIV
INDUCTOR
CURRENT
2A/DIV
LOAD CURRENT (A)
100
95
90
85
80
75
70
65
60
55
50
0.001
0.1
1
10
3414 G12
0.01
Burst Mode OPERATION
FORCED
CONTINUOUS
10
μs/DIV
20
μs/DIV
VIN = 3.3V
VOUT = 2.5V
VOUT = 2.5V
TA = 25°C
VOUT = 2.5V
TA = 25°C
VIN = 3.3V
VOUT = 2.5V
TA = 25°C
VIN = 3.3V
VOUT = 2.5V
TA = 25°C
TA = 25°C
TA = 25°C
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Load Current, Burst
Mode Operation
Efficiency vs Input Voltage
Efficiency vs Frequency
Efficiency vs Load Current,
Forced Continuous
Load Regulation
Burst Mode Operation
Load Step Transient Forced
Continuous
Efficiency vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com