Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3414MPFE Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3414MPFE
Description  4A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3414MPFE Datasheet(HTML) 5 Page - Linear Technology

  LTC3414MPFE Datasheet HTML 1Page - Linear Technology LTC3414MPFE Datasheet HTML 2Page - Linear Technology LTC3414MPFE Datasheet HTML 3Page - Linear Technology LTC3414MPFE Datasheet HTML 4Page - Linear Technology LTC3414MPFE Datasheet HTML 5Page - Linear Technology LTC3414MPFE Datasheet HTML 6Page - Linear Technology LTC3414MPFE Datasheet HTML 7Page - Linear Technology LTC3414MPFE Datasheet HTML 8Page - Linear Technology LTC3414MPFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3414
5
3414fb
PGND (Pins 1, 10, 11, 20): Power Ground. Connect this
pin closely to the (–) terminal of CIN and COUT.
RT (Pin 2): Oscillator Resistor Input. Connecting a resistor
to ground from this pin sets the switching frequency.
SYNC/MODE (Pin 3): Mode Select and External Clock
Synchronization Input. To select Forced Continuous, tie to
SVIN. Connecting this pin to a voltage between 0V and 1V
selects Burst Mode operation with the burst clamp set to
the pin voltage.
RUN/SS (Pin 4): Run Control and Soft-Start Input. Forcing
this pin below 0.5V shuts down the LTC3414. In shutdown
all functions are disabled. Less than 1
μA of supply current
is consumed. A capacitor to ground from this pin sets the
ramp time to full output current.
SGND (Pin 5):Signal Ground. All small signal components
and compensation components should connect to this
ground, which in turn connects to PGND at one point.
NC (Pin 6): Open. No internal connection.
PVIN (Pins 7, 14): Power Input Supply. Decouple this pin
to PGND with a capacitor.
SW (Pins 8, 9, 12, 13): Switch Node Connection to
Inductor. This pin connects to the drains of the internal
main and synchronous power MOSFET switches.
NC (Pin 15): Open. No internal connection.
SVIN (Pin 16): Signal Input Supply. Decouple this pin to
SGND with a capacitor.
PGOOD (Pin 17): Power Good Output. Open drain logic
output that is pulled to ground when the output voltage is
not within
±7.5% of regulation point.
ITH (Pin 18): Error Amplifier Compensation Point. The
current comparator threshold increases with this control
voltage. Nominal voltage range for this pin is from 0.2V to
1.4V with 0.4V corresponding to the zero-sense voltage
(zero current).
VFB (Pin 19): Feedback Pin. Receives the feedback voltage
from a resistive divider connected across the output.
Exposed Pad (Pin 21): Should be connected to SGND and
soldered to the PCB.
PI FU CTIO S
Start-Up Transient
TYPICAL PERFOR A CE CHARACTERISTICS
3414 G19
VIN = 3.3V, VOUT = 2.5V
LOAD = 4A
OUTPUT
VOLTAGE
INDUCTOR
CURRENT
2A/DIV
VRUN
1ms/DIV
Load Step Transient Burst Mode
Operation
3414 G18
VIN = 3.3V, VOUT = 2.5V
LOAD STEP = 250mA TO 4A
OUTPUT
VOLTAGE
100mV/DIV
INDUCTOR
CURRENT
2A/DIV
20
μs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com