Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP27AFKB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OP27AFKB
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP27AFKB Datasheet(HTML) 1 Page - Texas Instruments

  OP27AFKB Datasheet HTML 1Page - Texas Instruments OP27AFKB Datasheet HTML 2Page - Texas Instruments OP27AFKB Datasheet HTML 3Page - Texas Instruments OP27AFKB Datasheet HTML 4Page - Texas Instruments OP27AFKB Datasheet HTML 5Page - Texas Instruments OP27AFKB Datasheet HTML 6Page - Texas Instruments OP27AFKB Datasheet HTML 7Page - Texas Instruments OP27AFKB Datasheet HTML 8Page - Texas Instruments OP27AFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
OP27A, OP27C
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
SLOS100E − FEBRUARY 1989 − REVISED FEBRUARY 2010
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Replacements for ADI, PMI and LTC OP27
Series
Features of OP27A and OP27C:
D Maximum Equivalent Input Noise Voltage:
3.8 nV/
√Hz at 1 kHz
5.5 nV/
√Hz at 10 kHz
D Very Low Peak-to-Peak Noise Voltage at
0.1 Hz to 10 Hz . . . 80 nV Typ
D Low Input Offset Voltage
OP27A ...25
μV Max
OP27C . . . 100
μV Max
D High Voltage Amplification
OP27A ...1 V/
μV Min
OP27C ...0.7 V/
μV Min
description
The OP27 operational amplifiers combine out-
standing
noise
performance
with
excellent
precision and high-speed specifications. The
wideband noise is only 3 nV/
√Hz and with the 1/f
noise corner at 2.7 Hz, low noise is maintained for
all low-frequency applications.
The outstanding characteristics of the OP27 make
these devices excellent choices for low-noise
amplifier
applications
requiring
precision
performance and reliability.
The OP27 series is compensated for unity gain.
The OP27A and OP27C are characterized for
operation over the full military temperature range
of −55
°C to 125°C.
AVAILABLE OPTIONS
V max
STABLE
PACKAGE
TA
VIOmax
AT 25
°C
STABLE
GAIN
CERAMIC DIP
(JG)
CHIP CARRIER
(FK)
55
°C to 125°C
25
μV
1
OP27AJG
OP27AFK
−55
°C to 125°C
100
μV
1
OP27CJG
Copyright
© 2010, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
VIOTRIM
IN −
IN +
VCC −
VIOTRIM
VCC +
OUT
NC
JG PACKAGE
(TOP VIEW)
IN +
IN −
OUT
VIO TRIM
18
6
3
2
symbol
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
VCC +
NC
OUT
NC
NC
1N −
NC
IN +
NC
FK PACKAGE
(TOP VIEW)
NC − No internal connection
Pin numbers are for the JG packages.
+


Similar Part No. - OP27AFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP27AFKB TI-OP27AFKB Datasheet
329Kb / 22P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27AFKB TI-OP27AFKB Datasheet
314Kb / 22P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27AFKB TI1-OP27AFKB Datasheet
327Kb / 23P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27AFKB TI2-OP27AFKB Datasheet
898Kb / 25P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 2010
OP27AFKB.A TI2-OP27AFKB.A Datasheet
898Kb / 25P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 2010
More results

Similar Description - OP27AFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 TI-LT1007 Datasheet
306Kb / 24P
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_1 Datasheet
518Kb / 16P
Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27CJGB TI-OP27CJGB Datasheet
329Kb / 22P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27AFKB TI-OP27AFKB Datasheet
314Kb / 22P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-27 LINER-OP-27_15 Datasheet
873Kb / 12P
LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com