Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP27AFKB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OP27AFKB
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP27AFKB Datasheet(HTML) 17 Page - Texas Instruments

Back Button OP27AFKB Datasheet HTML 13Page - Texas Instruments OP27AFKB Datasheet HTML 14Page - Texas Instruments OP27AFKB Datasheet HTML 15Page - Texas Instruments OP27AFKB Datasheet HTML 16Page - Texas Instruments OP27AFKB Datasheet HTML 17Page - Texas Instruments OP27AFKB Datasheet HTML 18Page - Texas Instruments OP27AFKB Datasheet HTML 19Page - Texas Instruments OP27AFKB Datasheet HTML 20Page - Texas Instruments OP27AFKB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
OP27A, OP27C
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL-AMPLIFIER
SLOS100E − FEBRUARY 1989 − REVISED FEBRUARY 2010
17
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
offset voltage and drift (continued)
The circuit shown in Figure 30 measures offset voltage. This circuit can also be used as the burn-in configuration
for the OP27 with the supply voltage increased to 20 V, R1 = R3 = 10 k
Ω, R2 = 200 Ω, and
AVD = 100.
15 V
+
−15 V
R1
50 k
Ω
R2
100
Ω
R3
50 k
Ω
VO = 1000 VIO
2
3
6
7
4
NOTE A: Resistors must have low thermoelectric potential.
Figure 30. Test Circuit for Offset Voltage and Offset Voltage Temperature Coefficient
unity gain buffer applications
The resulting output waveform, when Rf ≤ 100 Ω and the input is driven with a fast large-signal pulse (>1 V),
is shown in the pulsed-operation diagram in Figure 31.
+
Rf
Output
2.8 V/
μs
OP27
Figure 31. Pulsed Operation
During the initial (fast-feedthrough-like) portion of the output waveform, the input protection diodes effectively
short the output to the input, and a current, limited only by the output short-circuit protection, is drawn by the
signal generator. When Rf ≥ 500 Ω, the output is capable of handling the current requirements (load
current
≤20 mA at 10 V), the amplifier stays in its active mode, and a smooth transition occurs. When
Rf > 2 kΩ, a pole is created with Rf and the amplifier’s input capacitance, creating additional phase shift and
reducing the phase margin. A small capacitor (20 pF to 50 pF) in parallel with Rf eliminates this problem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com