Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP27AFKB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OP27AFKB
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP27AFKB Datasheet(HTML) 14 Page - Texas Instruments

Back Button OP27AFKB Datasheet HTML 10Page - Texas Instruments OP27AFKB Datasheet HTML 11Page - Texas Instruments OP27AFKB Datasheet HTML 12Page - Texas Instruments OP27AFKB Datasheet HTML 13Page - Texas Instruments OP27AFKB Datasheet HTML 14Page - Texas Instruments OP27AFKB Datasheet HTML 15Page - Texas Instruments OP27AFKB Datasheet HTML 16Page - Texas Instruments OP27AFKB Datasheet HTML 17Page - Texas Instruments OP27AFKB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
OP27A, OP27C
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL-AMPLIFIER
SLOS100E − FEBRUARY 1989 − REVISED FEBRUARY 2010
14
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
OP27
VOLTAGE FOLLOWER
SMALL-SIGNAL
PULSE RESPONSE
80
60
40
20
0
− 20
− 40
− 60
− 80
t − Time −
μs
0
0.5
1
1.5
2
2.5
3
VCC ± = ± 15 V
AV = 1
CL = 15 pF
TA = 25°C
OP27
VOLTAGE FOLLOWER
LARGE-SIGNAL
PULSE RESPONSE
8
6
4
0
− 2
− 4
− 6
− 8
2
t − Time −
μs
02
46
8
10
12
VCC ± = ± 15 V
AV = − 1
TA = 25°C
Figure 24
Figure 25
APPLICATION INFORMATION
general
The OP27 series devices can be inserted directly onto OP07, OP05,
μA725, and SE5534 sockets with or without
removing external compensation or nulling components. In addition, the OP27 can be fitted to
μA741 sockets
by removing or modifying external nulling components.
noise testing
Figure 26 shows a test circuit for 0.1-Hz to 10-Hz peak-to-peak noise measurement of the OP27. The frequency
response of this noise tester indicates that the 0.1-Hz corner is defined by only one zero. Because the time limit
acts as an additional zero to eliminate noise contributions from the frequency band below 0.1 Hz, the test time
to measure 0.1-Hz to 10-Hz noise should not exceed 10 seconds.
Measuring the typical 80-nV peak-to-peak noise performance of the OP27 requires the following special test
precautions:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com