Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR533D Datasheet(PDF) 1 Page - Rohm

Part # 2SCR533D
Description  NPN 3.0A 50V Middle Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR533D Datasheet(HTML) 1 Page - Rohm

  2SCR533D Datasheet HTML 1Page - Rohm 2SCR533D Datasheet HTML 2Page - Rohm 2SCR533D Datasheet HTML 3Page - Rohm 2SCR533D Datasheet HTML 4Page - Rohm 2SCR533D Datasheet HTML 5Page - Rohm 2SCR533D Datasheet HTML 6Page - Rohm 2SCR533D Datasheet HTML 7Page - Rohm 2SCR533D Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
2SCR533P / 2SCR533D
NPN 3.0A 50V Middle Power Transistor
lOutline
lFeatures
1) Suitable for Middle Power Driver
2) Complementary PNP Types : 2SAR533P / 2SAR533D
3) Low VCE(sat)
VCE(sat)=0.35V Max. (IC/IB=1A/50mA)
4) Lead Free/RoHS Compliant.
lInner circuit
lApplications
Motor driver , LED driver
Power supply
lPackaging specifications
lAbsolute maximum ratings
(Ta = 25°C)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
DC
Pulsed
Junction temperature
Range of storage temperature
*1 Pw=10ms , single pulse *2 Each terminal mounted on a reference land
*3 Mounted on a ceramic board (40×40×0.7mm) *4 Mounted on a substrate *5 TC=25°C
Parameter
Value
MPT3
CPT3
VCEO
50V
IC
3.0A
Basic
ordering
unit (pcs)
Marking
2SCR533D
CPT3
6595
TL
330
16
2,500
CR533
Part No.
Package
Package
size
(mm)
Taping
code
Reel size
(mm)
Tape width
(mm)
Parameter
Symbol
Values
Unit
2SCR533P
MPT3
4540
T100
180
12
1,000
NM
VCBO
50
V
VCEO
50
V
VEBO
6
V
Collector current
IC
3.0
A
ICP *1
6.0
A
0.5 *2
W
10 *5
W
Power dissipation
2SCR533P
PD
2.0 *3
2SCR533D
1.0 *4
W
W
Tj
150
°C
Tstg
-
55 to +150
°C
Collector
Base
Emitter
Collector
Base
Emitter
2SCR533P
(SC-62)
<SOT-89>
2SCR533D
(SC-63)
<SOT-428>
Base
Emitter
Collector
1/7
2013.05 - Rev.B


Similar Part No. - 2SCR533D

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR533D ROHM-2SCR533D Datasheet
494Kb / 6P
Midium Power Transistors (50V / 3A)
More results

Similar Description - 2SCR533D

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR533P ROHM-2SAR533P_13 Datasheet
380Kb / 8P
PNP -3.0A -50V Middle Power Transistor
2SAR573D ROHM-2SAR573D Datasheet
809Kb / 7P
PNP -3.0A -50V Middle Power Transistor
2SCR573D ROHM-2SCR573D Datasheet
800Kb / 7P
NPN 3.0A 50V Middle Power Transistor
2SCR573DA08 ROHM-2SCR573DA08 Datasheet
804Kb / 7P
NPN 3.0A 50V Middle Power Transistor
2SAR533P ROHM-2SAR533P_14 Datasheet
828Kb / 8P
PNP -3.0A -50V Middle Power Transistor
2SCR542F3 ROHM-2SCR542F3 Datasheet
1Mb / 8P
NPN 3.0A 30V Middle Power Transistor
2SCR573D3 ROHM-2SCR573D3 Datasheet
1Mb / 11P
NPN 3.0A 50V Power Transistor
2SCR573D3FRA ROHM-2SCR573D3FRA Datasheet
1Mb / 10P
NPN 3.0A 50V Power Transistor
2SCR513RHZG ROHM-2SCR513RHZG Datasheet
1Mb / 9P
NPN 1.0A 50V Middle Power Transistor
20181211 - Rev.001
2SCR573DFHG ROHM-2SCR573DFHG Datasheet
1Mb / 8P
NPN 3.0A 50V Middle Power Transistor
20161012 - Rev.004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com