Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

698-3-R100KB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 698-3-R100KB
Description  Nichrome Resistor Networks on Ceramic Substrates
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

698-3-R100KB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  698-3-R100KB Datasheet HTML 1Page - List of Unclassifed Manufacturers 698-3-R100KB Datasheet HTML 2Page - List of Unclassifed Manufacturers 698-3-R100KB Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model
Package Power @ 70°C(watts)4
694
0.4
698
0.6
699
0.6
Nichrome Resistor Networks
on Ceramic Substrates
Model 694, 698, 699 Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
10.13
Package Power And Derating Curve
Thermal Shock plus Power Conditioning
ΔR 0.25%
Short Time Overload
ΔR 0.1%
Terminal Strength
ΔR 0.1%
Moisture Resistance
ΔR 0.2%
Mechanical Shock
ΔR 0.25%
Vibration
ΔR 0.25%
Low Temperature Operation
ΔR 0.1%
High Temperature Exposure
ΔR 0.1%
Load Life, 1,000 Hours
ΔR 0.1%
Resistance to Solder Heat
ΔR 0.1%
Dielectric Withstanding Voltage
200V for 1 minute
Marking Permanency
MIL-STD-202, Method 215
Lead Solderability
MIL-STD-202, Method 208
Flammability
UL-94V-0 Rated
Storage Temperature Range
-65°C to +125°C
Lead Plating
100 matte Tin (RoHS)
Lead Material
Copper Alloy
Lead Configuration
Thru hole
Substrate Material
Alumina
Resistor Material
Passivated Nichrome
Body Material
Molded Epoxy
Environmental (Mil-R-83401)
Mechanical
4 Maximum power per resistor @ 70°C is 100 mW, not to exceed package power








BI Technologies Corporation
4200 Bonita Place
Fullerton, CA 92835 USA
Website: www.bitechnologies.com
May 29, 2008
page 2 of 3
BI technologies







Model
Package Power @ 70°°°°C(watts)
4
694
0.4
698
0.6
699
0.6










Thermal Shock plus Power Conditioning
∆R 0.25%
Short Time Overload
∆R 0.1%
Terminal Strength
∆R 0.1%
Moisture Resistance
∆R 0.2%
Mechanical Shock
∆R 0.25%
Vibration
∆R 0.25%
Low Temperature Operation
∆R 0.1%
High Temperature Exposure
∆R 0.1%
Load Life, 1,000 Hours
∆R 0.1%
Resistance to Solder Heat
∆R 0.1%
Dielectric Withstanding Voltage
200V for 1 minute
Marking Permanency
MIL-STD-202, Method 215
Lead Solderability
MIL-STD-202, Method 208
Flammability
UL-94V-0 Rated
Storage Temperature Range
-65°C to +125°C




Lead Plating
80/20 Tin Lead (Standard)
100 matte Tin (RoHS)
Lead Material
Copper Alloy
Lead Configuration
Thru hole
Substrate Material
Alumina
Resistor Material
Passivated Nichrome
Body Material
Molded Epoxy
4
Maximum power per resistor @ 70°C is 100 mW, not to exceed package power



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com