Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

698-3-R100KB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 698-3-R100KB
Description  Nichrome Resistor Networks on Ceramic Substrates
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

698-3-R100KB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  698-3-R100KB Datasheet HTML 1Page - List of Unclassifed Manufacturers 698-3-R100KB Datasheet HTML 2Page - List of Unclassifed Manufacturers 698-3-R100KB Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Nichrome Resistor Networks
on Ceramic Substrates
Model 694, 698, 699 Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
10.13
Typical Marking
Ordering Information5
69 4 -3- R10K A LF
Model Series:
69 = Passivated Nichrome
on Ceramic
Number of Leads:
4= 8 leads
9=14 leads
8=16 leads
Circuit Type:
1=Bussed
3=Isolated
6=Binary (Only available as 694 model with B tolerance)
7=Decade (Only available as 694 model with B tolerance)
Lead Finish:
LF = Lead free (RoHS)
Tolerance Code
Resistance Value
Accuracy Code at 25°C
A
B
D
F
Absolute Resistance Tolerances (%)
± 0.1
± 0.1
± 0.5
± 1.0
Ratio Tolerances (R1 Ref) (%)
± 0.05
± 0.1
± 0.1
± 0.5
Model + Pin count
694
100
699
50
698
50
Resistance Code5
Resistance Tolerance Code
Packaging Options (Unit Count/Tube)
Standard values follow E96 table. Character “K” denotes a multiplier of 1000.








BI Technologies Corporation
4200 Bonita Place
Fullerton, CA 92835 USA
Website: www.bitechnologies.com
May 29, 2008
page 3 of 3
BI technologies










Standard values follow E96 table. Character “K” denotes a multiplier of 1000.







Accuracy Code at 25°C
A
B
D
F
Absolute Resistance Tolerances (%)
±0.1
±0.1
±0.5
±1.0
Ratio Tolerances (R1 Ref) (%)
±0.05
±0.1
±0.1
±1.0







Model + Pin count
694
100
699
50
698
50





5
Consult customer service for custom designs and features.
69 4 -3-R10K A LF
Model Series:
69 = Passivated Nichrome
on Ceramic
Number of Leads:
4= 8 leads
9=14 leads
8=16 leads
Lead Finish:
No Code = SnPb
LF = Lead free (RoHS)
Tolerance Code
Resistance Value
Circuit Type:
1=Bussed
3=Isolated
6=Binary (Only available as 694 model with B tolerance)
7=Decade (Only available as 694 model with B tolerance)
5 Consult customer service for custom designs and features.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com