Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

698-3-R100KB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 698-3-R100KB
Description  Nichrome Resistor Networks on Ceramic Substrates
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

698-3-R100KB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  698-3-R100KB Datasheet HTML 1Page - List of Unclassifed Manufacturers 698-3-R100KB Datasheet HTML 2Page - List of Unclassifed Manufacturers 698-3-R100KB Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Nichrome Resistor Networks
on Ceramic Substrates
Model 694, 698, 699 Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
10.13
Isolated, bussed and other circuits
Thin film resistor network
0.300” PDIP packages
RoHS compliant
Precision Nichrome Resistors on Ceramic
Passivation coating provides protection in humid environments
Excellent frequency response
Excellent long term resistance stability
Industry Standard Packaging
JEDEC 95, MS-001
(Plastic DIP 0.300 inch wide in 8, 14 and 16 lead pin counts)
Ratio Tolerances
< ± 0.05%
TCR Tracking Tolerances
< ± 5 ppm/°C
Standard Resistance Range2
1K ohms to 100K ohms (Isolated)
1K ohms to 45K ohms (Bussed)
TCR3
± 25 ppm/°C
TCR Tracking3
± 5 ppm/°C
Operating Temperature Range
-55°C to +125°C
Interlead Capacitance
< 2pF
Insulation Resistance
≥ 10,000 Megohms
Maximum Operating Voltage
100 Vdc or
√ PR
Noise, Maximum (MIL-STD-202, Method 308)
-40 dB
Resistor Power Rating at 70°C
0.1 Watts
Features
Schematics
Electrical1
1 Specifications subject to change without notice.
2 E96 codes available.
3 Standard limits for all resistance codes.
BI Technologies Corporation
4200 Bonita Place
Fullerton, CA 92835 USA
Website: www.bitechnologies.com
May 29, 2008
page 1 of 3
BI technologies












Precision Nichrome Resistors on Ceramic
Passivation coating provides protection in humid environments
Excellent frequency response
Excellent long term resistance stability
Industry Standard Packaging
JEDEC 95, MS-001
(Plastic DIP 0.300 inch wide in 8, 14 and 16 lead pin counts)
Ratio Tolerances
< ± 0.05%
TCR Tracking Tolerances
< ± 5 ppm/°C













Standard Resistance Range
2
1K ohms to 100K ohms (Isolated)
1K ohms to 45K ohms (Bussed)
TCR
3
± 25 ppm/°C
TCR Tracking
3
± 5 ppm/°C
Operating Temperature Range
-55°C to +125°C
Interlead Capacitance
< 2pF
Insulation Resistance
 10,000 Megohms
Maximum Operating Voltage
100 Vdc or
 PR
Noise, Maximum (MIL-STD-202, Method 308)
-40 dB
Resistor Power Rating at 70°C
0.1 Watts
1
Specifications subject to change without notice.
2
E96 codes available.
3 Standard limits for all resistance codes.
Not Recommended for New Designs
For alternative see http://www.irctt.com/file.aspx?product_id=225&file_type=datasheet


Similar Part No. - 698-3-R100KB

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
698-3 MICROSEMI-698-3 Datasheet
79Kb / 2P
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 7.5 AMP, STANDARD AND FAST RECOVERY
More results

Similar Description - 698-3-R100KB

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PCF-W0201LF-01-1001-F IRCTT-PCF-W0201LF-01-1001-F Datasheet
305Kb / 3P
Precision Thin Film Nichrome Chip Resistor
logo
ACCUTEK MICROCIRCUIT CO...
AK06G-R3S ACCUTEK-AK06G-R3S_09 Datasheet
100Kb / 3P
RESISTOR NETWORKS
AK06G-R5L ACCUTEK-AK06G-R5L_09 Datasheet
114Kb / 4P
RESISTOR NETWORKS
AK06G-R5T ACCUTEK-AK06G-R5T_09 Datasheet
112Kb / 4P
RESISTOR NETWORKS
AK06G-R8DTL ACCUTEK-AK06G-R8DTL_09 Datasheet
124Kb / 4P
RESISTOR NETWORKS
AK6G-R2RL ACCUTEK-AK6G-R2RL_09 Datasheet
150Kb / 4P
RESISTOR NETWORKS
logo
UNIOHM CORPORATION
RN8A102J UNIOHM-RN8A102J Datasheet
3Mb / 2P
Resistor Networks
logo
List of Unclassifed Man...
L081S105LF ETC2-L081S105LF Datasheet
169Kb / 5P
Resistor Networks
logo
TT Electronics.
628-L TTELEC-628-L Datasheet
181Kb / 4P
Resistor Networks
NQS TTELEC-NQS Datasheet
149Kb / 5P
Resistor Networks
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com