Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA40 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # SA40
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SA40 Datasheet(HTML) 4 Page - Leshan Radio Company

  SA40 Datasheet HTML 1Page - Leshan Radio Company SA40 Datasheet HTML 2Page - Leshan Radio Company SA40 Datasheet HTML 3Page - Leshan Radio Company SA40 Datasheet HTML 4Page - Leshan Radio Company SA40 Datasheet HTML 5Page - Leshan Radio Company SA40 Datasheet HTML 6Page - Leshan Radio Company SA40 Datasheet HTML 7Page - Leshan Radio Company SA40 Datasheet HTML 8Page - Leshan Radio Company SA40 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2.Ratings and Characteristic Curves ( TA = 25°C unless otherwise noted )
SA****
Fig. 1-Peak Pulse Power Rating Curve
Fig. 2-Pulse Derating Curve
Fig. 3-Pulse Waveform
Fig. 4-Typical Junction Capacitance
Unidirectional
Fig. 5-Steady State Power
Derating Curve
Fig. 6-Maximum Non-Repetitive Peak
Forward Surge Current Uniderictional
100
10
1.0
0.1
0.1
1.0
10
100
1000
10000
td,Pulse Width,μsec
TA,Ambient Temperature,°C
0
25
50
100
125
150 175 200
50
100
150
0
t,Time,ms
0
1.0
2.0
3.0
10000
1000
100
10
1.0
10
100
1000
V(WM),Reverse Stand-off Voltage,Voltage
3.00
1.50
0.00
TL,Lead Temperature,°C
0
25
50
75
100
125 150
175
100
10
1
10
100
Number of Cycles At 60 Hz
125
100
50
0
Non-Repetive
Pulse Waveform
Shown in Fig.3
TA=25°C
tf=10μs
Peak Value
Ippm
Half Value
Ipp/2=td
TA=25℃
Test Waveform
tf=10μs td=1000μs
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
meansured at
stand-off voltage
VWM
meansured at
Zero Bias
0.375"(9.5mm)
20mm*20mm*1mm
TJ = TJ max
8.3ms Single Half Sine-wave
(JEDEC Method)
10/1000μs Waveform
as deffused by R.E.A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com