Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA40 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # SA40
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SA40 Datasheet(HTML) 1 Page - Leshan Radio Company

  SA40 Datasheet HTML 1Page - Leshan Radio Company SA40 Datasheet HTML 2Page - Leshan Radio Company SA40 Datasheet HTML 3Page - Leshan Radio Company SA40 Datasheet HTML 4Page - Leshan Radio Company SA40 Datasheet HTML 5Page - Leshan Radio Company SA40 Datasheet HTML 6Page - Leshan Radio Company SA40 Datasheet HTML 7Page - Leshan Radio Company SA40 Datasheet HTML 8Page - Leshan Radio Company SA40 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Feature
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
* Glass passivated chip junction in DO-15 package
* 500W surge capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time: typically less
than 1.0 ps from 0 volts to BV min
* Typical IR less than 1
μA above 10V
* High temperature soldering guaranteed:
260 /10 seconds/.375
”,(9.5mm) lead
length/5lbs., (2.3kg) tension
Case: JEDEC DO-15 molded plastic
We declare that the material of product compliance
Terminals: Axial leads, solderable per
with ROHS requirements
MIL-STD-202, Method 208
Polarity: Color band denoted cathode
except Bipolar
Mounting Position: Any
Weight: 0.015 ounce, 0.4 gram
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types SA5.0A thru types SA170A
Electrical characteristics apply in both directions.marking code is all type.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNITS
PPPM
Minimum 500
Watts
PM(AV)
3.0
Watts
IFSM
70
Amps
TJ
-55 to +150
°C
TSTG
-55 to +175
°C
NOTES:
1. Non-repetitive current pulse, per Fig. 3 and derated above TA=25
°C per Fig. 2.
2. Mounted on Copper Leaf area of 1.57in2(40mm2).
3. 8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum.
Peak Power Dissipation at TA=25°C, TP=1ms(Note 1)
Steady State Power Dissipation at TL=75°C
Lead Lengths .375
”,(9.5mm) (Note 2)
Peak Forward Surge Current, 8.3ms Single Half Sine-
Wave Superimposed on Rated Load(JECED Method) (Note 3)
Operating Temperature Range
Storage Temperature Range
SA***
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE - 5.0 TO 170 Volts
500Watt Peak Power
3.0 Watt Steady State
RATING
Mechanical Data
Electrical Characteristic


Similar Part No. - SA40

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA40 PANJIT-SA40 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA40 WTE-SA40 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA40 BYTES-SA40 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA40 DCCOM-SA40 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA40 EIC-SA40 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA40

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Surge Components
3KP SURGE-3KP Datasheet
206Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
5KP SURGE-5KP Datasheet
199Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Central Semiconductor C...
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB50CA CENTRAL-1SMB50CA Datasheet
97Kb / 2P
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMC50CA CENTRAL-1SMC50CA Datasheet
144Kb / 2P
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
logo
StarHope
3KP SPSEMI-3KP Datasheet
429Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 220 Volts
SA SPSEMI-SA Datasheet
918Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 180 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com