Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA40 Datasheet(PDF) 7 Page - Leshan Radio Company

Part # SA40
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SA40 Datasheet(HTML) 7 Page - Leshan Radio Company

  SA40 Datasheet HTML 1Page - Leshan Radio Company SA40 Datasheet HTML 2Page - Leshan Radio Company SA40 Datasheet HTML 3Page - Leshan Radio Company SA40 Datasheet HTML 4Page - Leshan Radio Company SA40 Datasheet HTML 5Page - Leshan Radio Company SA40 Datasheet HTML 6Page - Leshan Radio Company SA40 Datasheet HTML 7Page - Leshan Radio Company SA40 Datasheet HTML 8Page - Leshan Radio Company SA40 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
标题:
1.4
标签要求 label spec.
1.4.1
LRC标签 LRC label
成型规格forming spec.
1.4.2环保标签 environmental protection label
2.外箱规格 cartoon spec.
单位:mm
L
WH
T52
430
±2
280
±2
225
±2
T42
410
±2
285
±2
300
±2
T26
435
±3
280
±3
295
±3
3 按以上包装方式,编带数量和外包装箱产品数量:typing and cartoon spec.
R-3
DO-15
1.8K
2K(T52)
1.8K(T26)
18K
20K
36K
36K
32.4K
36K
外箱数量(T42编带)
quantity/cartoon
54K-
外箱数量(T26编带)
quantity/cartoon
60K-
每根编带数量
quantity/ammo
3K
0.8K
外箱数量(T52编带)
quantity/cartoon
30K
8.0K
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
第
2
页
塑封外型
A-405 & DO-41 & R-1
DO-201AD
L
W
H
外箱标签cartoon label
*******
LRC产品型号 type
****
**
****
产品重复峰压值 peak repetive voltage
产品额定电流值 average output current
产品数量 quantity
*******
产品生产日期 date



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com