Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA642 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA642
Description  Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA642 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA642 Datasheet HTML 1Page - Burr-Brown (TI) OPA642 Datasheet HTML 2Page - Burr-Brown (TI) OPA642 Datasheet HTML 3Page - Burr-Brown (TI) OPA642 Datasheet HTML 4Page - Burr-Brown (TI) OPA642 Datasheet HTML 5Page - Burr-Brown (TI) OPA642 Datasheet HTML 6Page - Burr-Brown (TI) OPA642 Datasheet HTML 7Page - Burr-Brown (TI) OPA642 Datasheet HTML 8Page - Burr-Brown (TI) OPA642 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
®
OPA642
3
Top View
DIP/SO-8
SOT23-5
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
ABSOLUTE MAXIMUM RATINGS
Supply ..........................................................................................
±6.0VDC
Internal Power Dissipation(1) .................................. See Thermal Analysis
Differential Input Voltage ..................................................................
±1.2V
Input Voltage Range ............................................................................
±V
S
Storage Temperature Range: P, PB, U, UB, N, NB ..... –40
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
(soldering, SO-8 3s) ....................................... +260
°C
Junction Temperature (TJ ) ............................................................ +175°C
NOTE: (1) Packages must be derated based on specified
θ
JA. Maximum
TJ must be observed.
PIN CONFIGURATION
1
2
3
4
8
7
6
5
+V
S2
(1)
+V
S1
Output
–V
S2
(1)
NC
Inverting Input
Non-Inverting Input
–V
S1
NOTE: (1) Making use of all four power supply pins is recommended,
although not required. Using these four pins, instead of just pins 4 and 7, will
lower the power supply impedance improving distortion.
PACKAGE
DRAWING
TEMPERATURE
PACKAGE
ORDERING
PRODUCT
PACKAGE
NUMBER(1)
RANGE
MARKING(2)
NUMBER(3)
OPA642U
SO-8 Surface Mount
182
–40
°C to +85°C
OPA642U
OPA642U
OPA642UB
SO-8 Surface Mount
182
–40
°C to +85°C
OPA642UB
OPA642UB
OPA642N
5-pin SOT23-5
331
–40
°C to +85°C
A42
OPA642N-250
OPA642N-3k
OPA642NB
5-pin SOT23-5
331
–40
°C to +85°C
A42B
OPA642NB-250
OPA642NB-3k
OPA642P
8-Pin Plastic DIP
006
–40
°C to +85°C
OPA642P
OPA642P
OPA642PB
8-Pin Plastic DIP
006
–40
°C to +85°C
OPA642PB
OPA642PB
NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) The “B” grade of the SO-8 and
DIP packages will be marked with a “B” by pin 8. The “B” grade of the SOT23-5 will be marked with a “B” near pins 3 and 4. (3) The SOT23-5 is only available on a 7"
tape and reel (e.g. ordering 250 pieces of “OPA642N-250” will get a single 250 piece tape and reel. Ordering 3000 pieces of “OPA642N-3k” will get a single 3000 piece
tape and reel). Please refer to Appendix B of Burr-Brown IC Data Book for detailed Tape and Reel Mechanical information.
PACKAGE/ORDERING INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from per-
formance degradation to complete device failure. Burr-
Brown Corporation recommends that all integrated circuits
be handled and stored using appropriate ESD protection
methods.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet
published specifications.
1
2
3
5
4
+V
S
Inverting Input
Output
–V
S
Non-Inverting Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com