Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA642 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA642
Description  Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA642 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA642 Datasheet HTML 1Page - Burr-Brown (TI) OPA642 Datasheet HTML 2Page - Burr-Brown (TI) OPA642 Datasheet HTML 3Page - Burr-Brown (TI) OPA642 Datasheet HTML 4Page - Burr-Brown (TI) OPA642 Datasheet HTML 5Page - Burr-Brown (TI) OPA642 Datasheet HTML 6Page - Burr-Brown (TI) OPA642 Datasheet HTML 7Page - Burr-Brown (TI) OPA642 Datasheet HTML 8Page - Burr-Brown (TI) OPA642 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
®
OPA642
1
10MSPS
clk
402
24
1Vp-p
5MHz
OPA642
100pF
REFT
+5V
REFB
ADS804
12-Bit
10MSPS
Measured
80dB SFDR
Analog
Input
402
0.1µF
0.1µF
5k
High Dynamic Range 10MSPS Digitizer
5k
0.1µF
2Vp-p
+5V
–5V
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
Wideband, Low Distortion, Low Gain
OPERATIONAL AMPLIFIER
APPLICATIONS
q ADC/DAC BUFFER AMPLIFIER
q LOW DISTORTION IF AMPLIFIER
q HIGH RESOLUTION IMAGING
q MEDICAL IMAGING
q LOW NOISE PREAMPLIFIER
q HIGH CMR DIFFERENCING AMPLIFIER
q TEST INSTRUMENTATION
q PROFESSIONAL AUDIO
FEATURES
q LOW DISTORTION: –95dBc at 5MHz
q GAIN OF +1 BANDWIDTH: 400MHz
q AVAILABLE IN SOT23-5 PACKAGE
q HIGH OPEN LOOP GAIN: 95dB
q HIGH COMMON-MODE REJECTION: 90dB
q FAST 12-BIT SETTLING: 13ns (0.01%)
q LOW NOISE: 2.7nV/
√Hz
q HIGH OUTPUT CURRENT:
±60mA
q VERY LOW DIFF GAIN/PHASE ERROR:
0.007%/0.008
°
®
OPA642
OPA642
OPA658
OPA642
DESCRIPTION
The OPA642 provides a level of speed and dynamic
range previously unattainable in a monolithic op amp.
Using a unity gain stable voltage feedback architec-
ture with two internal gain stages, the OPA642 achieves
exceptionally low harmonic distortion over a wide
frequency range. The “classic” differential input pro-
vides all the familiar benefits of precision op amps,
such as bias current cancellation and very low invert-
ing current noise compared with wideband current
feedback op amps. Fast settling time, excellent differ-
ential gain/phase performance, low voltage noise and
high output current drive make the OPA642 ideal for
most high dynamic range applications.
Unity gain stability makes the OPA642 particularly
suitable for low gain differential amplifiers,
transimpedance amplifiers, gain of +2 video line driv-
ers, wideband integrators and low distortion ADC buff-
ers. Where higher gain or even lower harmonic distor-
tion is required, consider the OPA643—a higher gain-
bandwidth and lower noise version of the OPA642
©1993 Burr-Brown Corporation
PDS-1190F
Printed in U.S.A. February, 1998


Similar Part No. - OPA642

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA642 TI1-OPA642 Datasheet
176Kb / 16P
Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
logo
KODENSHI_AUK CORP.
OPA6428URO KODENSHI-OPA6428URO Datasheet
96Kb / 1P
Ultra Red LED Chip
logo
Texas Instruments
OPA642N TI1-OPA642N Datasheet
176Kb / 16P
Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
OPA642N-250 TI1-OPA642N-250 Datasheet
176Kb / 16P
Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
OPA642N-3K TI1-OPA642N-3K Datasheet
176Kb / 16P
Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
More results

Similar Description - OPA642

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA643 BURR-BROWN-OPA643 Datasheet
262Kb / 17P
Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA842 TI-OPA842 Datasheet
438Kb / 19P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA843 BURR-BROWN-OPA843 Datasheet
377Kb / 22P
Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA628 BURR-BROWN-OPA628 Datasheet
172Kb / 13P
Low Distortion Wideband OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
ISL55211IRTZ INTERSIL-ISL55211IRTZ Datasheet
1Mb / 20P
Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
June 21, 2011
logo
Texas Instruments
OPA642 TI1-OPA642 Datasheet
176Kb / 16P
Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
OPA643 TI1-OPA643 Datasheet
177Kb / 18P
Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA843 TI1-OPA843 Datasheet
861Kb / 29P
Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com