Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA642 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA642
Description  Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA642 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button OPA642 Datasheet HTML 3Page - Burr-Brown (TI) OPA642 Datasheet HTML 4Page - Burr-Brown (TI) OPA642 Datasheet HTML 5Page - Burr-Brown (TI) OPA642 Datasheet HTML 6Page - Burr-Brown (TI) OPA642 Datasheet HTML 7Page - Burr-Brown (TI) OPA642 Datasheet HTML 8Page - Burr-Brown (TI) OPA642 Datasheet HTML 9Page - Burr-Brown (TI) OPA642 Datasheet HTML 10Page - Burr-Brown (TI) OPA642 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
®
OPA642
7
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±5V, RL = 100Ω, RF = 402Ω, G = +2, unless otherwise noted. RF = 25Ω for a gain of +1.
COMMON-MODE REJECTION
vs INPUT COMMON-MODE VOLTAGE
100
90
80
70
60
–5
–4
–3
–2
–1
012345
Common-Mode Voltage (V)
A
OL, PSR AND CMR vs TEMPERATURE
Temperature (°C)
–75
–50
–25
0
25
50
75
100
125
110
100
90
80
PSR+
A
OL
PSR–
CMR
OUTPUT AND QUIESCENT CURRENT
vs TEMPERATURE
Ambient Temperature (°C)
–50
–25
0
25
50
75
100
125
80
70
60
50
40
30
20
10
0
I
O+
I
O
I
CC
CLOSED-LOOP OUTPUT IMPEDANCE
Frequency (MHz)
500
0
0.1
1
10
100
10
1
0.1
0.01
0.001
CMR AND PSR vs FREQUENCY
Frequency (Hz)
100
90
80
70
60
50
40
30
20
102
103
104
105
106
107
108
CMR
PSR
DIFFERENTIAL AND COMMON-MODE
INPUT IMPEDANCE
Frequency (Hz)
1000
100
10
1
102
103
104
105
106
107
108
Differential Input
Common-Mode Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com