Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM78P Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM78P
Description  16-Bit Audio ANALOG-TO-DIGITAL CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM78P Datasheet(HTML) 4 Page - Burr-Brown (TI)

  PCM78P Datasheet HTML 1Page - Burr-Brown (TI) PCM78P Datasheet HTML 2Page - Burr-Brown (TI) PCM78P Datasheet HTML 3Page - Burr-Brown (TI) PCM78P Datasheet HTML 4Page - Burr-Brown (TI) PCM78P Datasheet HTML 5Page - Burr-Brown (TI) PCM78P Datasheet HTML 6Page - Burr-Brown (TI) PCM78P Datasheet HTML 7Page - Burr-Brown (TI) PCM78P Datasheet HTML 8Page - Burr-Brown (TI) PCM78P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
®
PCM78
4
I
vs SUPPLY VOLTAGE
21
19
18
14
410
16
20
17
SS
–V
CC
Supply Voltage (V)
16
15
6
8
12
14
+V
CC
V
vs TEMP
2.002
1.998
1.996
1.994
1.992
1.988
–25
0
25
70
125
Temperature (°C)
2.000
REF
1.99
PSRR at –FS INPUT
0.012
0.008
0.006
0.004
0.002
0
–25
0
25
70
125
Temperature (°C)
0.01
–V
CC
+V
CC
V
DD
PSRR at +FS INPUT
0.012
0.010
0.008
0.006
0.004
0.002
0
–0.002
–0.004
–0.006
–0.008
–25
0
25
70
125
Temperature (°C)
–0.010
–V
CC
+V
CC
V
DD
BIPOLAR GAIN ERROR as % FSR
25°C; N = 33 UNITS
18
0
–0.35
–0.45
–0.60
% FSR
–0.40
–0.55
16
14
12
10
8
6
4
2
–0.50
BPZ ERROR vs TEMPERATURE
10mV
9mV
8mV
7mV
6mV
5mV
4mV
3mV
2mV
1mV
0
–25
0
25
70
125
Temperature (°C)
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VCC = ±15V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com