Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM78P Datasheet(PDF) 13 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM78P
Description  16-Bit Audio ANALOG-TO-DIGITAL CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM78P Datasheet(HTML) 13 Page - Burr-Brown (TI)

Back Button PCM78P Datasheet HTML 8Page - Burr-Brown (TI) PCM78P Datasheet HTML 9Page - Burr-Brown (TI) PCM78P Datasheet HTML 10Page - Burr-Brown (TI) PCM78P Datasheet HTML 11Page - Burr-Brown (TI) PCM78P Datasheet HTML 12Page - Burr-Brown (TI) PCM78P Datasheet HTML 13Page - Burr-Brown (TI) PCM78P Datasheet HTML 14Page - Burr-Brown (TI) PCM78P Datasheet HTML 15Page - Burr-Brown (TI) PCM78P Datasheet HTML 16Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
®
PCM78
13
FIGURE 9. Timing when using S
OUT2 Latch.
OUT 2
S
Clock
T
2
Ext
Clock
Status
OUT 2
S
Latch
OUT 2
S
Data
OUT 1
S
Data
T
3
T
4
MSB
MSB
MSB
LSB
LSB
Data (n – 1)
T
1
MSB
Data Sample n
Data (n + 1)
Data n
TA = +25°C, VCC = +5V, guaranteed by sample testing; these parameters are not 100% tested in production.
TIME (ns)
TIME
DESCRIPTION
MIN
TYP
MAX
T1
SOUT2 Latch pulse width
50
100
T2
SOUT2 Clock Cycle
24
T3
Delay from rising edge of CLOCK OUT to bit data valid
10
30
T4
Delay from rising edge of SOUT2 Clock to rising edge of Ext Clock
50
125
FIGURE 10. Application Example of S
OUT 2 Operation.
)
( fS
128
2
Ext Clock
)
( fS
128
3
B
1 Word
WDCK
(S
Latch)
(2f )
S
OUT 2
Word A's Serial Data
Serial Out 2
MSB
LSB
MSB
LSB
Word A’s Serial Data
Serial Out 1
MSB
LSB
MSB
LSB
Word A’s Serial Data
S
Clock
OUT 2
JUMPER
1
234
5
15
X
X
X
X
0
14
0
000
X
13
X
000
X
12
0
X
0
0
X
11
X
X
0
0
X
10
0
0
X
0
X
9X
0
X
0
X
80
X
X
0
X
X: Off
0: On
NO OF BITS
+5V
Clock Out
Convert Command
PCM78P
LS20
12
A
CL
A
CL
1
2
13
LS393
Q
Q
Q
Q
Q
3
4
5
6
11
A
B
C
D
E
1
2
3
4
5
+5V
10k
Ω x 4
Jumper
LS20
Short
Cycle
18
(PCM78)
10
19
FIGURE 11 . Short Cycle Circuit.
CC
Clock
Short
Cycle
Status
1234
11
12
13
11
12
13
123
Conversion
Time
FIGURE 12. Short Cycle Operation Timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com