Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM78P Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM78P
Description  16-Bit Audio ANALOG-TO-DIGITAL CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM78P Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button PCM78P Datasheet HTML 3Page - Burr-Brown (TI) PCM78P Datasheet HTML 4Page - Burr-Brown (TI) PCM78P Datasheet HTML 5Page - Burr-Brown (TI) PCM78P Datasheet HTML 6Page - Burr-Brown (TI) PCM78P Datasheet HTML 7Page - Burr-Brown (TI) PCM78P Datasheet HTML 8Page - Burr-Brown (TI) PCM78P Datasheet HTML 9Page - Burr-Brown (TI) PCM78P Datasheet HTML 10Page - Burr-Brown (TI) PCM78P Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
®
PCM78
7
0
–20
–40
–60
–80
–100
–120
–140
0
50
100
Frequency (kHz)
25
75
0
–20
–40
–60
–80
–100
–120
–140
0
50
100
Frequency (kHz)
25
75
Input Frequency 976.6Hz
Fund:
–60.06dB
6th:
–106.00dB
2nd:
–109.18dB
THD:
–42.15dB
3rd:
–108.31dB
SNR:
21.73dB
4th:
–134.66dB
SINAD:
21.69dB
5th:
–114.73dB
0
–20
–40
–60
–80
–100
–120
–140
0
50
100
Frequency (kHz)
25
75
0
–20
–40
–60
–80
–100
–120
–140
0
50
100
Frequency (kHz)
25
75
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VCC = ±15V, unless otherwise noted. Histograms done with Conversion Time = 8µs.
Input Frequency 976.6Hz
Fund:
–20.07dB
6th:
–110.06dB
2nd:
–108.36dB
THD:
–76.75dB
3rd:
–100.44dB
SNR:
61.79dB
4th:
–111.52dB
SINAD:
61.65dB
5th:
–102.06dB
SPECTRAL RESPONSE, f
IN ≈ 1kHz
Input Frequency 976.6Hz
Fund:
–0.07dB
6th:
–135.02dB
2nd:
–87.80dB
THD:
–87.10dB
3rd:
–97.43dB
SNR:
81.05dB
4th:
–102.35dB
SINAD:
80.09dB
5th:
–107.86dB
0
–20
–40
–60
–80
–100
–120
–140
0
50
100
Frequency (kHz)
25
75
0
–20
–40
–60
–80
–100
–120
–140
0
50
100
Frequency (kHz)
25
75
SPECTRAL RESPONSE, f
IN ≈
20kHz
Input Frequency 19970.7Hz
Fund:
–19.94dB
6th:
–107.32dB
2nd:
–105.69dB
THD:
–72.81dB
3rd:
–95.90dB
SNR:
61.60dB
4th:
–106.71dB
SINAD:
61.28dB
5th:
–97.57dB
SPECTRAL RESPONSE, f
IN ≈ 20kHz
Input Frequency 19970.7Hz
Fund:
–59.96dB
6th:
–110.11dB
2nd:
–109.09dB
THD:
–41.60dB
3rd:
–124.49dB
SNR:
21.93dB
4th:
–116.40dB
SINAD:
21.88dB
5th:
–112.18dB
SPECTRAL RESPONSE, f
IN ≈ 20kHz
Input Frequency 19970.7Hz
Fund:
–0.08dB
6th:
–101.44dB
2nd:
–92.21dB
THD:
–88.12dB
3rd:
–91.59dB
SNR:
79.25dB
4th:
–101.23dB
SINAD: 78.72dB
5th:
–109.32dB
SPECTRAL RESPONSE, f
IN ≈
1kHz
SPECTRAL RESPONSE, f
IN ≈ 1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com