Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200AP Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF200AP
Description  DUAL CURRENT SOURCE/CURRENT SINK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF200AP Datasheet(HTML) 5 Page - Burr-Brown (TI)

  REF200AP Datasheet HTML 1Page - Burr-Brown (TI) REF200AP Datasheet HTML 2Page - Burr-Brown (TI) REF200AP Datasheet HTML 3Page - Burr-Brown (TI) REF200AP Datasheet HTML 4Page - Burr-Brown (TI) REF200AP Datasheet HTML 5Page - Burr-Brown (TI) REF200AP Datasheet HTML 6Page - Burr-Brown (TI) REF200AP Datasheet HTML 7Page - Burr-Brown (TI) REF200AP Datasheet HTML 8Page - Burr-Brown (TI) REF200AP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
®
REF200
5
FIGURE 1. Simplified Circuit Diagram.
(Substrate)
Current
Source
(1 of 2)
4k
Ω
8X
8,7
5k
Ω
1k
Ω
1,2
6
3
54
1k
Ω
12k
Ω
Current
Mirror
APPLICATIONS INFORMATION
The three circuit sections of the REF200 are electrically
isolated from one another using a dielectrically isolated
fabrication process. A substrate connection is provided (pin
6), which is isolated from all circuitry. This pin should be
connected to a defined circuit potential to assure rated DC
performance. The preferred connection is to the most nega-
tive constant potential in your system. In most analog
systems this would be –V
S
. For best AC performance, leave
pin 6 open and leave unused sections unconnected.
Drift performance is specified by the “box method,” as
illustrated in the Current vs Temperature plot of the typical
performance curves. The upper and lower current extremes
measured over temperature define the top and bottom of the
box. The sides are determined by the specified temperature
range of the device. The drift of the unit is the slope of the
diagonal—typically 25ppm/
°C from –25°C to +85°C.
If the current sources are subjected to reverse voltage, a
protection diode may be required. A reverse voltage circuit
model of the REF200 is shown in the Reverse Current vs
Reverse Voltage curve. If reverse voltage is limited to less
than 6V or reverse current is limited to less than 350
µA, no
protection circuitry is required. A parallel diode (Figure 2a)
will protect the device by limiting the reverse voltage across
the current source to approximately 0.7V. In some applica-
tions, a series diode may be preferable (Figure 2b) because
it allows no reverse current. This will, however, reduce the
compliance voltage range by one diode drop.
Applications for the REF200 are limitless. Application Bul-
letin AB-165 shows additional REF200 circuits as well as
other related current source techniques. A collection of
circuits is shown to illustrate some techniques. Also, see
AB-165A.
FIGURE 2. Reverse Voltage Protection.
100µA
Bidirectional
Current Source
D
4
D
2
DD
3
1
D
2
D
1
100µA
100µA
NOTE: All diodes = 1N4148.
Bidirectional
Current Source
(a)
(b)
(c)
(d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com