Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200AP Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF200AP
Description  DUAL CURRENT SOURCE/CURRENT SINK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF200AP Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button REF200AP Datasheet HTML 7Page - Burr-Brown (TI) REF200AP Datasheet HTML 8Page - Burr-Brown (TI) REF200AP Datasheet HTML 9Page - Burr-Brown (TI) REF200AP Datasheet HTML 10Page - Burr-Brown (TI) REF200AP Datasheet HTML 11Page - Burr-Brown (TI) REF200AP Datasheet HTML 12Page - Burr-Brown (TI) REF200AP Datasheet HTML 13Page - Burr-Brown (TI) REF200AP Datasheet HTML 14Page - Burr-Brown (TI) REF200AP Datasheet HTML 15Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
®
REF200
11
FIGURE 13. Precision Duty-Cycle Modulator.
–15V
100µA
0.1µF
Siliconix
J109
50k
Ω
I
OUT
For current source,
invert circuitry and
use P-Channel FET.
–15V
100µA
0.1µF
Siliconix
J109
50k
Ω
I
OUT
For current source,
invert circuitry and
use P-Channel FET.
50k
Ω
0.1µF
100µA
FIGURE 14. Low Noise Current Sink.
FIGURE 15. Low Noise Current Sink with Compliance
Below Ground.
100k
Ω
1/4
OPA404
60k
Ω
100µA + Bridge
(See Figure 12)
V
= +10V: 100% Duty Cycle
V
= +10V: 100% Duty Cycle
V
=
0V: 50% Duty Cycle
V
= –10V:
0% Duty Cycle
IN
IN
IN
12Vp-p
Duty Cycle Out
C
V
IN
–10V
≤ V ≤ +10V
IN
100µA + Bridge
(See Figure 12)
1/4
OPA404
1/4
OPA404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com